Electronic Components Datasheet Search
  English  ▼

X  

VM138/1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VM138/1
Description  Potentia l Sepa ra tionAm plifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VM138/1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VM138/1 Datasheet HTML 1Page - List of Unclassifed Manufacturers VM138/1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.8
VM 130 ... VM 138
1.8
A T R Industrie-Elektronik GmbH & Co. KG
•Textilstraße 2 •D - 41751 Viersen
www.msr-elektronik.com
•Tel.: ++49 / 2162 / 485-0 •Fax: ++49 / 2162 / 485-100
5.4.2002
www.msr-elektronik.com
Technis che Da ten VM 130 - VM 138
Vers orgu ng ss pa nnu ng
:24Vdc
±20 % / Ripple = 5%
Leis tu ng s a u fna hm e
:1W
Spa nnu ng s eing a ng (10 V)
:0 ...10 V / R
IN=100k Ω
Spa nnu ng s eing a ng (60 m V)
:0 ...60 m V / R
IN=100k Ω
Ü berla s tba rk eit(U-Eing a ng )
:m a x. 50 V
Strom einga ng
:0 (4)...20 m A/ Bü rde=100
Ü berla s tba rk eit(I-Eing a ng )
:m a x. 50 m A
Spa nnu ng s a u s g a ng / La s t
:0 ...10 V / m a x. 20 m A
Strom au s g a ng / Bü rde
:0 (4)...20 m A/ m a x. 500
Nu llpu nk teins tellu ng
:
±20 %
Vers tä rku ng s eins tellu ng
:0 ,5...1,5
m a x. Isola tionss pa nnu ng
:1k V
Ü bertragu ng s frequ enz
:2k Hz (VM 138 = 35Hz)
Linea ritä ts fehler
:0 ,0 5%
Tem pera tu rdrift
:0 ,00 25%/K
U m g ebu ng s tem pera tu r
:0 ...50 °C
Ans chlüss e
:Schrau bk lemm en2,5mm ²
G ehäu s em a teria l
:Isoliers toffg rau
G ehäu s ebefes tigu ng
:Schna ppbefes tigu ng fü rTS35
G ehäu s em aß e
:s iehe Zeichnu ng
G ew icht
:110g
Technica lDa ta VM 130 - VM 138
Su pply voltag e
:24Vdc
±20 % / Ripple ≤5%
Pow ercons u m ption
:1W
Voltag e inpu t(10 V)
:0… 10 V / R
IN=100k Ω
Voltag e inpu t(60 m V)
:0 ...60 m V / R
IN=100k Ω
Overloa d ca pa city (Voltag e inpu ts ) :m a x. 50 V
Cu rrentinpu t
:0 (4)...20 m A/ Bu rden=100
Overloa d ca pa city (Cu rrentinpu t)
:m a x. 50 m A
Voltag e ou tpu t/ Loa d
:0 ...10 V / m a x. 20 m A
Cu rrentou tpu t/ Bu rden
:0 (4)...20 m A/ m a x. 500
Zero pointa dju s tm ent
:
±20 %
Am plifica tiona dju s tm ent
:0 .5...1.5
m a x. ins u la tionvolta g e
:1 k V
Tra ns m iss ionfrequ ency
:2k Hz (VM 138 = 35Hz)
Linea rity error
:0 .0 5%
Tem pera tu re drift
:0 .00 25%/K
Am bienttem pera tu re
:0 ...50 °C
Connections
:Screw -type term ina ls 2.5 mm ²
Hou s ing m a teria l
:Ins u la ting m a teria lg rey
Fa s tening ofhou s ing
:Sna p-onforTS35
Dim ens ions ofhou s ing
:cf. dra w ing
W eig ht
:110g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com