Electronic Components Datasheet Search
  English  ▼

X  

B800014 Datasheet(PDF) 1 Page - E-SWITCH

Part # B800014
Description  ALL DIMENSIONS IN MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B800014 Datasheet(HTML) 1 Page - E-SWITCH

  B800014 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
ULP12EEP1QSSCL1REDGRN
1.5:1
10/30/2007
B800014
B
BF
1
1
1
2
3
L1
LC
XX
X
L2
1
PCB MOUNTING
2
3
L1
LC
1
2
L2
(GREEN)
CIRCUIT LAYOUT
3
LED
L1
(RED)
LC
SWITCH
SCHEMATIC
10.00
[.394 in]
6.30
[.248 in]
.90
[.035 in]
A
17782
RELEASED FOR PRODUCTION
10/30/07
BF
ISOMETRIC
WHITE
DIFFUSER
CLEAR
CAP
15.40
[.606 in]SQ.
15.40
[.606 in]
4.00
[.157 in]
15.40
[.606 in]
8.50
[.335 in]
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. CONTACT RATING: 0.4VA MAX. @ 28 V (AC OR DC)
5. CONTACT MATERIAL: SILVER
6. ELECTRICAL LIFE: 200,000 Typical
7. MECHANICAL LIFE:
1,000,000 CYCLES TYP.
8. OPERATING TEMP: -20°C TO +70°C
9. OPERATING FORCE: 200 ± 100 gf
10. CONTACT RESISTANCE:
50 MILLI-OHM INITIAL TYP. MAX.
11. DIELECTRIC STRENGTH:
1000 VAC FOR 1 MINUTE
12. TRAVEL TO MAKE: 2.20mm ± 0.2
13. 2002/95/EC (ROHS) COMPLIANT
14.
DENOTES CRITICAL PARAMETER
15. LED COLOR: RED: 3 CHIPS; 1.7VDC, @20mA TYP.
GRN: 3 CHIPS; 2.1VDC, @20mA TYP.
10.00
[.394 in]
n1.20
[.047 in]
1.00
[.039 in]
.50
[.020 in]
5.00
[.197 in]
2.50
[.098 in]
5.00
[.197 in]
5.00
[.197 in]
2.50
[.098 in]
2.50
[.098 in]
5.00
[.197 in]
5.00
[.197 in]
1.25
[.049 in]
B
19720
UPDATE DRAWING
02/28/11
BMA


Similar Part No. - B800014

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B800010 E-SWITCH-B800010 Datasheet
160Kb / 1P
ALL DIMENSIONS IN MM
B800011 E-SWITCH-B800011 Datasheet
155Kb / 1P
ALL DIMENSIONS IN MM
B800012 E-SWITCH-B800012 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM
B800015 E-SWITCH-B800015 Datasheet
116Kb / 1P
ALL DIMENSIONS IN MM
B800019 E-SWITCH-B800019 Datasheet
160Kb / 1P
ALL DIMENSIONS IN MM
More results

Similar Description - B800014

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R072023 E-SWITCH-R072023 Datasheet
20Kb / 1P
All Dimensions In MM
R072025 E-SWITCH-R072025 Datasheet
20Kb / 1P
All Dimensions In MM
M309310 E-SWITCH-M309310 Datasheet
33Kb / 1P
All Dimensions In MM
P010351 E-SWITCH-P010351 Datasheet
180Kb / 1P
All Dimensions In MM
T312015 E-SWITCH-T312015 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM
T314019 E-SWITCH-T314019 Datasheet
51Kb / 1P
ALL DIMENSIONS IN MM
B040204 E-SWITCH-B040204 Datasheet
18Kb / 1P
ALL DIMENSIONS IN MM
Q970028 E-SWITCH-Q970028 Datasheet
59Kb / 1P
ALL DIMENSIONS IN MM
T110237 E-SWITCH-T110237 Datasheet
89Kb / 1P
ALL DIMENSIONS IN MM
T201223 E-SWITCH-T201223 Datasheet
65Kb / 1P
ALL DIMENSIONS IN MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com