Electronic Components Datasheet Search
  English  ▼

X  

PSR-MS60 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # PSR-MS60
Description  Safety relay for emergency stop, safety door and light grid monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSR-MS60 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button PSR-MS60 Datasheet HTML 6Page - PHOENIX CONTACT PSR-MS60 Datasheet HTML 7Page - PHOENIX CONTACT PSR-MS60 Datasheet HTML 8Page - PHOENIX CONTACT PSR-MS60 Datasheet HTML 9Page - PHOENIX CONTACT PSR-MS60 Datasheet HTML 10Page - PHOENIX CONTACT PSR-MS60 Datasheet HTML 11Page - PHOENIX CONTACT PSR-MS60 Datasheet HTML 12Page - PHOENIX CONTACT PSR-MS60 Datasheet HTML 13Page - PHOENIX CONTACT PSR-MS60 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PSR-MS60
106171_en_02
PHOENIX CONTACT
13
15.3
Single-channel control via failsafe controller
–
Single-channel control
–
Automatic start
–
Monitoring of external contactors
–
Suitable up to category 4, PL e (EN ISO 13849-1),
SIL 3 (EN 62061) if the digital output of the safety-relat-
ed controller meets PL e, SIL 3 and cross-circuits can
be ruled out
Figure 11
Single-channel control via failsafe PLC
WARNING: Loss of functional safety!
Make sure that the signal generator (e.g., PLC
output card or light grid) and the safety relay
have the same ground potential.
FAIL-SAFE SPS/PLC
Q0
24V DC
0V
GND
24V
0VI0
A1
A2
PSR-MS60
S22
( )
S12
( )
K1
K2
M
K1
K2
N
L
1323
14
24
K1
K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com