Electronic Components Datasheet Search
  English  ▼

X  

WD01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WD01
Description  Wireless Controller Module with RF Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WD01 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wireless Controller Module with RF Transceiver
WD01
Version 1.0
Page 2 of 5
Orbit Communications : Wireless Solutions that Work
www.orbitcoms.com
Absolute Maximum Ratings: Transmitter
Operating temperature:
-25
°C to +85°C
Storage temperature:
-40
°C to +125°C
Supply Voltage
20V
Electrical Characteristics: Controller
Min
Typ
Max
Units
Notes
DC LEVELS
Supply voltage
7
12
20
Volts
Supply current @ VCC = 5V
15
mA
1
DIGITAL IO
Number of IO Pins
Logic "1" Input
2.4
5
Volts
TTL levels
Logic "0" Input
0
1.2
Volts
TTL levels
Logic "1" Output
3.5
5
Volts
TTL levels
Logic "0" Output
0
0.5
Volts
TTL levels
Micro Controller
PIC16F876
Program Space
8K Bytes
Serial Link Format
9600: N,8,1
Over Air Baud Rate
1.2K
9.6K
19.2
Baud
Programmable
to suit RF
Module used
Analog Inputs
Analog Channels
4
Analog Input Range
0
5
V
Analog Accuracy
1/2
Bit
2.44mV
Analog Resolution
10
Bit
4.88mV per step
MECHANICAL
Weight
18 g
Mounting Holes
3mm
Dimensions
92mm X 34mm
Note 1:
For controller only. Total varies according to RF module option..
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com