Electronic Components Datasheet Search
  English  ▼

X  

ST081024 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST081024
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST081024 Datasheet(HTML) 1 Page - E-SWITCH

  ST081024 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RP8100B2M1CEBLKREDNIL
2 : 1
2/6/2008
ST081024
D
BLR
1
1
1
2
PANEL MOUNTING
OFF-(ON)
MOMENTARY
CIRCUIT: SPST
1
2
A
17948
Release for Production
2/6/08
BLR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CIRCUIT: SPST OFF-MOMENTARY ON
5. CONTACT MATERIAL: Gold over SILVER
6. RATING: 125mA @ 125 VAC
100mA @ 50 VDC
7. ELECTRIC LIFE: 500,000 CYCLES AT FULL LOAD
8. CONTACT RESISTANCE: 50 milli-OHM max. (INITIAL)
9. INSULATION RESISTANCE: 1,000 MEGA-OHM min. @ 500VDC.
10. DIELECTRIC STRENGTH: 1,000 VAC rms.
11. OPERATING FORCE: 350 gf +/- 150 gf
12. OPERATING TEMPERATURE: -30°C TO +85°C.
13. CONTACT BOUNCE: 10ms MAX.
14. TRAVEL: 1.5mm
15. PANEL THICKNESS RANGE: 1.5 - 4.0 mm.
16. TORQUE: 1.5 Nm max. APPLIED TO NUT
17.
DENOTES CRITICAL PARAMETER.
18. 2002/95/EC (ROHS) COMPLIANT
19. HARDWARE INCLUDED:
1. T081101 LOCK WASHER
(1)
2. T081102 HEX NUT
(1)
3. T081100 RUBBER WASHER (1)
20. SEAL RATING: IP67 AT FRONT PANEL
12.90
[.508 in]
2.00
[.079 in]
2.80
[.110 in]
1.20
[.047 in]
.40
[.016 in]
5.08
[.200 in]
10.80
[.425 in]
(FLAT)
2.00
[.079 in]
5.00
[.197 in]
n17.50
[.689 in]
n12.0
[.472 in]
ACTUATOR:
RED
THREAD:
M12 x 0.75
1.20
[.047 in]
EPOXY
SEAL
B
B
B
19358
MISC. DRAWING UPDATES
10/25/10
BMA
12.90
[.508 in]
n13.60
[.535 in]
C
C
C
19473
CORRECT NOTE & DIM / DWG CLEAN-UP
12/01/10
BMA
BODY:
BLACK
D
21529
IP67 WAS IP65, DRAWING UPDATES
7/29/14
EBP
D
1.0 [.04 in] THICK
RUBBER SEAL


Similar Part No. - ST081024

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST081020 E-SWITCH-ST081020 Datasheet
161Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST081022 E-SWITCH-ST081022 Datasheet
161Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST081023 E-SWITCH-ST081023 Datasheet
161Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST081025 E-SWITCH-ST081025 Datasheet
130Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST081026 E-SWITCH-ST081026 Datasheet
171Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST081024

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com