Electronic Components Datasheet Search
  English  ▼

X  

ST081033 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST081033
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST081033 Datasheet(HTML) 1 Page - E-SWITCH

  ST081033 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RP8100B2M1CEBLKREDRED
3:2
9/2/2008
ST081033
E
BLR
1
1
PANEL MOUNTING
+
_
1
2
CIRCUIT: SPST
OFF-(ON)
MOMENTARY
2.00
[.079 in]
5.00
[.197 in]
1.20
[.047 in]
.50
[.020 in]
5.08
[.200 in]
2.80
[.110 in]
1.30
[.051 in]
15.10
[.594 in]
2.10
[.083 in]
17.50
[.689 in]
EPOXY SEAL
HOUSING:
BLACK
1.0 [.04] THICK
RUBBER SEAL
ACTUATOR:
COLOR RED
THREAD:
M12X0.75
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CIRCUIT: SPST OFF-MOMENTARY ON
5. CONTACT MATERIAL: Gold over SILVER
6. RATING: 125mA @ 125 VAC
100mA @ 50 VDC
7. ELECTRIC LIFE: 500,000 CYCLES AT FULL LOAD
8. CONTACT RESISTANCE: 50 milli-OHM max. (INITIAL)
9. INSULATION RESISTANCE: 1,000 MEGA-OHM min. @ 500VDC.
10. DIELECTRIC STRENGTH: 1,000 VAC rms.
11. OPERATING FORCE: 350 gf +/- 150 gf
12. OPERATING TEMPERATURE: -30 C TO +85 C.
13. CONTACT BOUNCE: 10ms MAX.
14. TRAVEL: 1.5mm
15. PANEL THICKNESS RANGE: 1.5 - 4.0 mm.
16.
DENOTES CRITICAL PARAMETER.
17. 2011/65/EU (ROHS) COMPLIANT
18. MAX MOUNTING TORQUE: 1.5 Nm APPLIED TO THE NUT
19. HARDWARE INCLUDED:
1. T081101 LOCK WASHER
(1)
2. T081102 HEX NUT
(1)
3. T081100 RUBBER SEAL
(1)
20. SEAL RATING: IP67 AT THE FRONT PANEL
3.40
[.134 in]
SHORT LED LEAD
CATHODE (-)
5.00
[.197 in]
.20
[.008 in]
12.00
[.472 in]
10.80
[.425 in]
12.90
[.508 in]
13.60
[.535 in]
D
21594
CHANGE NOTE 20: IP67 WAS IP65
9/24/14
EBP
E
22441
ADDED BOTTOM VIEW
8/12/16
MJR
LED PARAMETER
FORWARD
CURRENT
FORWARD VOLTAGE
@ 20mA
LUMINOUS
INTENSITY
UNITS
mA
V
mcd
RED
20
2.0 - 2.5
700
WINDOW TO VIEW
RED LED


Similar Part No. - ST081033

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST081030 E-SWITCH-ST081030 Datasheet
161Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST081031 E-SWITCH-ST081031 Datasheet
170Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST081032 E-SWITCH-ST081032 Datasheet
161Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST081034 E-SWITCH-ST081034 Datasheet
51Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST081036 E-SWITCH-ST081036 Datasheet
162Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST081033

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com