Electronic Components Datasheet Search
  English  ▼

X  

AC72ABD Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # AC72ABD
Description  AC Series Breaker (Thermal Cutoff Device)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AC72ABD Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  AC72ABD Datasheet HTML 1Page - Bourns Electronic Solutions AC72ABD Datasheet HTML 2Page - Bourns Electronic Solutions AC72ABD Datasheet HTML 3Page - Bourns Electronic Solutions AC72ABD Datasheet HTML 4Page - Bourns Electronic Solutions AC72ABD Datasheet HTML 5Page - Bourns Electronic Solutions AC72ABD Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
ACSeriesBreaker(ThermalCutoffDevice)
Typical Performance
The above curves were derived from placing test samples in an oven at 25 ℃, 40 ℃, 60 ℃ and so on, increasing current flow through the
sample at a rate of 0.1 A/minute and recording the current value when the sample trips.
Current vs. Temperature Curves
Product Structure
Temperature (°C)
0
5
10
15
20
25
30
35
40
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
AC72ABD
 (Low 67 °C average)
AC77ABD
 (Low 72 °C average)
AC82ABD
 (Low 77 °C average)
AC85ABD
 (Low 80 °C average)
AC90ABD
 (Low 85 °C average)
ARM
TERMINAL
COVER
PLATE
CONTACT
COVER
ARM
BASE
TERMINAL
BASE
AVAILABLEWITHANDWITHOUTPROJECTIONS.
PROJECTION
BIMETALDISC
PTC
PROJECTION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com