Electronic Components Datasheet Search
  English  ▼

X  

AC77ABD Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # AC77ABD
Description  AC Series Breaker (Thermal Cutoff Device)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AC77ABD Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  AC77ABD Datasheet HTML 1Page - Bourns Electronic Solutions AC77ABD Datasheet HTML 2Page - Bourns Electronic Solutions AC77ABD Datasheet HTML 3Page - Bourns Electronic Solutions AC77ABD Datasheet HTML 4Page - Bourns Electronic Solutions AC77ABD Datasheet HTML 5Page - Bourns Electronic Solutions AC77ABD Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
ACSeriesBreaker(ThermalCutoffDevice)
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
Circuit Diagram
NORMALCIRCUIT
CIRCUIT
AFTEROPENING
Typical Part Marking
Wiring Recommendations
This is not a surface mount device for reflow soldering. Therefore, Ni tab wiring should be accomplished by either resistance or laser welding.
Solder connections should be avoided.
Standard Packaging Specifications
Plastic Bag.......................................................................................................................................................................1,000 pcs. (fixed)
Inner Box .........................................................................................................................................................................3,000 pcs. (fixed)
Outer Box ....................................................................................................................................30,000 pcs. max. (up to 10 inner boxes)
X2717A
AC77ABD
02
DATECODE:
MONTH(1~9,X,Y,Z)
DAY
YEAR
MACHINENO.
ROMANNUMERAL(I,II,III,ETC.)or
ARABICNUMERAL(1,2,3,ETC.)=OKAYAMAFACTORY
ALPHABET=SHIGAFACTORY
MANUFACTURER’STRADEMARK
SPECIALCODE
(D=BLACKBODYCOLOR)
TERMINALTYPE
MANUFACTURER’S
INTERNALCODE
(ALPHANUMERICCHARACTER)
ARMMATERIAL
(A=CuALLOY)
TRIPTEMPERATURE-°C
(72,77,82,85,90)
SERIESDESIGNATOR
Application Temperature Range
...........................................-30 ~ 100 °C
Storage Conditions
1) The breaker must be stored in the original packaging (plastic bag or carton) with
the following conditions: ambient temperature of -10 to +40 °C, RH <75 % with no
radical temperature change, direct sunshine, excessive vibration or shock.
2) Avoid storage locations where there is a possibility of generating corrosive gas
such as from salt breeze, chlorine, hudrogen sulfide, ammonium, sulfide-oxidation,
hydrogen chloride, acetate, etc.
3) Storage period should be no longer than 24 months from date of shipment.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com