Electronic Components Datasheet Search
  English  ▼

X  

TRAP Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # TRAP
Description  TRAP Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

TRAP Datasheet(HTML) 3 Page - rfsolutions.ltd

  TRAP Datasheet HTML 1Page - rfsolutions.ltd TRAP Datasheet HTML 2Page - rfsolutions.ltd TRAP Datasheet HTML 3Page - rfsolutions.ltd TRAP Datasheet HTML 4Page - rfsolutions.ltd TRAP Datasheet HTML 5Page - rfsolutions.ltd TRAP Datasheet HTML 6Page - rfsolutions.ltd TRAP Datasheet HTML 7Page - rfsolutions.ltd TRAP Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS-TRAP-7
Page 3
1.
Open the enclosure by removing fixing screws from the enclosure
2.
Remove the antenna and slide out the circuit board.
3.
Connect the power supply screw terminals 12-32V ac or dc to the supply terminals.
4.
Wire your desired connections to the relay switches
5.
Once all required wiring is complete, use the handheld QUANTA transmitter to switch the outputs on and
off.
6.
As supplied, the handheld will operate the outputs - button 1 to output 1, button 2 to output 2 etc.
7.
Change the output functions to latching, / Momentary Operation.
Relay Connections when
Transmitter NOT Operating
Relay Connections when
Transmitter OPERATING
Relay
Relay
Relay
12V
0V
COM
NO
NC
Supply
Terminals
TRAP-RX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com