Electronic Components Datasheet Search
  English  ▼

X  

FT27C010 Datasheet(PDF) 9 Page - Force Technologies Ltd

Part # FT27C010
Description  1-Megabit (128K x 8) UVEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT27C010 Datasheet(HTML) 9 Page - Force Technologies Ltd

Back Button FT27C010 Datasheet HTML 3Page - Force Technologies Ltd FT27C010 Datasheet HTML 4Page - Force Technologies Ltd FT27C010 Datasheet HTML 5Page - Force Technologies Ltd FT27C010 Datasheet HTML 6Page - Force Technologies Ltd FT27C010 Datasheet HTML 7Page - Force Technologies Ltd FT27C010 Datasheet HTML 8Page - Force Technologies Ltd FT27C010 Datasheet HTML 9Page - Force Technologies Ltd FT27C010 Datasheet HTML 10Page - Force Technologies Ltd FT27C010 Datasheet HTML 11Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FT27C010(L)
FT27C010 Ordering Information
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
35
0.1
FT27C010-45DC
FT27C010-45LC
CDIL
LCC
Commercial
(0°C to 70°C)
35
0.1
FT27C010-45DI
FT27C010-45LI
CDIL
LCC
Industrial
(-40°C to 85°C)
55
35
0.1
FT27C010-55DC
FT27C010-55LC
CDIL
LCC
Commercial
(0°C to 70°C)
35
0.1
FT27C010-55DI
FT27C010-55LI
CDIL
LCC
Industrial
(-40°C to 85°C)
70
35
0.1
FT27C010-70DC
FT27C010-70LC
CDIL
LCC
Commercial
(0°C to 70°C)
35
0.1
FT27C010-70DI
FT27C010-70LI
CDIL
LCC
Industrial
(-40°C to 85°C)
Package Type
LCC
32-pad, Windowed Leadless Chip Carrier (LCC)
CDIL
32-Lead, 0.600" Wide, Ceramic Windowed Dual Inline Package (CDIL)
(continued)
2006
9/11
Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com