Electronic Components Datasheet Search
  English  ▼

X  

FT29F200CT Datasheet(PDF) 33 Page - Force Technologies Ltd

Part # FT29F200CT
Description  2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F200CT Datasheet(HTML) 33 Page - Force Technologies Ltd

Back Button FT29F200CT Datasheet HTML 29Page - Force Technologies Ltd FT29F200CT Datasheet HTML 30Page - Force Technologies Ltd FT29F200CT Datasheet HTML 31Page - Force Technologies Ltd FT29F200CT Datasheet HTML 32Page - Force Technologies Ltd FT29F200CT Datasheet HTML 33Page - Force Technologies Ltd FT29F200CT Datasheet HTML 34Page - Force Technologies Ltd FT29F200CT Datasheet HTML 35Page - Force Technologies Ltd FT29F200CT Datasheet HTML 36Page - Force Technologies Ltd FT29F200CT Datasheet HTML 37Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
FT29F200C T/B
Figure 13-1. IN-SYSTEM SECTOR PROTECT WITH RESET#=Vhv
START
Retry count=0
RESET#=Vhv
Wait 1us
Write Sector Address
with [A6,A1,A0]:[0,1,0]
data: 60h
Write Sector Address
with [A6,A1,A0]:[0,1,0]
data: 40h
Read at Sector Address
with [A6,A1,A0]:[0,1,0]
Wait 150us
Reset
PLSCNT=1
Temporary Unprotect Mode
RESET#=Vih
Write RESET CMD
Sector Protect Done
Device fail
Temporary Unprotect Mode
Retry Count +1
First CMD=60h?
Data=01h?
Retry Count=25?
Yes
Yes
Yes
Yes
No
No
No
No
Protect another
sector?
Rev. 1
33 of 49
April 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com