Electronic Components Datasheet Search
  English  ▼

X  

FT6264 Datasheet(PDF) 8 Page - Force Technologies Ltd

Part # FT6264
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264 Datasheet(HTML) 8 Page - Force Technologies Ltd

Back Button FT6264 Datasheet HTML 4Page - Force Technologies Ltd FT6264 Datasheet HTML 5Page - Force Technologies Ltd FT6264 Datasheet HTML 6Page - Force Technologies Ltd FT6264 Datasheet HTML 7Page - Force Technologies Ltd FT6264 Datasheet HTML 8Page - Force Technologies Ltd FT6264 Datasheet HTML 9Page - Force Technologies Ltd FT6264 Datasheet HTML 10Page - Force Technologies Ltd FT6264 Datasheet HTML 11Page - Force Technologies Ltd FT6264 Datasheet HTML 12Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
N/A = Not available
SELECTION GUIDE
The FT6264 is available in the following temperature, speed and package options. The FT
6264L is available only over
the military temperature range.
ORDERING INFORMATION
8
10121520
253545
70
100
Plastic DIP (300 mil)
-8PC
-10PC
-12PC
-15PC
-20PC
-25PC
-35PC
N/A
N/A
N/A
Plastic DIP (600 mil)
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
-70P6C
-100P6C
Plastic S OJ
-8JC
-10JC
-12JC
-15JC
-20JC
-25JC
-35JC
N/A
N/A
N/A
Plastic SOP
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
-70SNC
-100SNC
Industrial
Plastic DIP (300 mil)
N/A
-10PI
-12PI
-15PI
-20PI
-25PI
-35PI
N/A
N/A
N/A
Plastic DIP (600 mil)
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
-70P6I
-100P6I
Plastic SOJ
N/A
-10JI
-12JI
-15JI
-20JI
-25JI
-35JI
N/A
N/A
N/A
Plastic SOP
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
-70SNI
-100SNI
Speed (ns)
Tempera ture
Ra nge
Pa cka ge
Commercial
FT6264
L
X
X
X
M5004
x
Rev 1.8
8/17
2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com