Electronic Components Datasheet Search
  English  ▼

X  

ST083000 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST083000
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST083000 Datasheet(HTML) 1 Page - E-SWITCH

  ST083000 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RP8300B2M1CECHRBLKNIL
2:1
8/16/2010
ST083000
E
rc
1
1
1
2
A
19294
NEW RELEASE
9/8/10
rc
17.50
[.689 in]
5.00
[.197 in]
2.0
[.08 in]
5.08
[.200 in]
.40
[.016 in]
2.80
[.110 in]
BLACK
BUTTON
CHROME PLATED
METAL HOUSING
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CIRCUIT: SPST OFF-MOMENTARY ON
5. CONTACT MATERIAL: Gold OVER SILVER
6. RATING: 500mA @ 48 VAC
200mA @ 50 VDC
200mA @ 250 VAC
7. ELECTRIC LIFE: 500,000 CYCLES AT FULL LOAD
8. CONTACT RESISTANCE: 50 MILLIOHM MAX. (INITIAL)
9. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN. @ 500VDC
10. DIELECTRIC STRENGTH: 1,500 VAC FOR 1 MINUTE.
11. OPERATING FORCE: 350 gf +/- 150 gf
12. OPERATING TEMPERATURE: -30 C to +85 C
13. CONTACT BOUNCE: 10ms MAX.
14. TRAVEL: 1.5 0.25MM
15. PANEL THICKNESS RANGE: 1.5 - 4.0mm
16.
DENOTES CRITICAL PARAMETER.
17. 2011/65/EU (ROHS) COMPLIANT
18. MAX TORQUE APPLIED TO MOUNTING NUT: 1.5Nm
19. HARDWARE INCLUDED:
1) T081101 LOCK WASHER
(QTY 1)
2) T081102 HEX NUT
(QTY 1)
3) T081103 RUBBER O-RING (QTY 1)
20. SEAL RATING: IP67 AT THE FRONT PANEL
1
2
CIRCUIT: SPST
13.60
[.535 in]
12.90
[.508 in]
PANEL MOUNTING
M12 X 0.75
THREAD
EPOXY
SEAL
3.50
[.138 in]
12.90
[.508 in]
8.70
[.343 in]
OFF-(ON)
MOMENTARY
B
19358
MISC. DRAWING UPDATES
10/26/10
BMA
c
19683
UPDATE RATING
02/15/11
BMA
D
21599
CHANGE SEAL RATING FROM IP65 TO IP67
10/1/14
EBP
12.00
[.472 in]
12.77
[.503 in]
FLAT
13.30
[.524 in]
1.20
[.047 in]
E
23236
drawing update
3/8/18
MW
1.0 [.04] THICK
RUBBER SEAL


Similar Part No. - ST083000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST083001 E-SWITCH-ST083001 Datasheet
155Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST083002 E-SWITCH-ST083002 Datasheet
130Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST083003 E-SWITCH-ST083003 Datasheet
267Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST083004 E-SWITCH-ST083004 Datasheet
267Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST083005 E-SWITCH-ST083005 Datasheet
173Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST083000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com