Electronic Components Datasheet Search
  English  ▼

X  

ESD321DPYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ESD321DPYR
Description  1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESD321DPYR Datasheet(HTML) 4 Page - Texas Instruments

  ESD321DPYR Datasheet HTML 1Page - Texas Instruments ESD321DPYR Datasheet HTML 2Page - Texas Instruments ESD321DPYR Datasheet HTML 3Page - Texas Instruments ESD321DPYR Datasheet HTML 4Page - Texas Instruments ESD321DPYR Datasheet HTML 5Page - Texas Instruments ESD321DPYR Datasheet HTML 6Page - Texas Instruments ESD321DPYR Datasheet HTML 7Page - Texas Instruments ESD321DPYR Datasheet HTML 8Page - Texas Instruments ESD321DPYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ESD321
SLVSEN8 – JULY 2018
www.ti.com
Product Folder Links: ESD321
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Electrical Fast
Transient
IEC 61000-4-4 Peak Current at 25 °C
80
A
Surge Pulse
IEC 61000-4-5 Surge (tp 8/20 µs) Peak Power at 25 °C
40
W
IEC 61000-4-5 Surge (tp 8/20 µs) Peak Current at 25 °C
6
A
TA
Operating free-air temperature
–40
125
°C
Tstg
Storage temperature
–65
155
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings -JEDEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, allpins(1)
±2500
V
Charged device model (CDM), per JEDEC
specificationJESD22-C101, all pins(2)
±1000
6.3 ESD Ratings - IEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
±30000
V
IEC 61000-4-2 Air Discharge, all pins
±30000
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
0
3.6
V
TA
Operating Free Air Temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information
THERMAL METRIC(1)
ESD321
UNIT
DPY (X1SON)
2 PINS
RθJA
Junction-to-ambient thermal resistance
437.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
249.5
°C/W
RθJB
Junction-to-board thermal resistance
169.2
°C/W
ΨJT
Junction-to-top characterization parameter
99.3
°C/W
ΨJB
Junction-to-board characterization parameter
168.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com