Electronic Components Datasheet Search
  English  ▼

X  

5LP01C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 5LP01C
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5LP01C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  5LP01C Datasheet HTML 1Page - Sanyo Semicon Device 5LP01C Datasheet HTML 2Page - Sanyo Semicon Device 5LP01C Datasheet HTML 3Page - Sanyo Semicon Device 5LP01C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5LP01C
No.6619-3/4
0
0
--1
--2
0.2
--3
--4
--5
--6
--7
0.6
0.4
--8
--9
1.0
0.8
--10
1.4
1.2
1.6
VGS -- Qg
SW Time -- ID
VDS= --10V
ID= --70mA
--0.01
10
--0.1
23
5
7
100
7
5
3
2
7
5
3
2
1000
VDD= --25V
VGS = --4V
0
0.1
1.0
--10
--5
10
7
5
3
2
7
5
3
2
7
5
3
2
--20
--15
--30
--25
100
--40
--35
--50
--45
Ciss, Coss, Crss -- VDS
f=1MHz
--0.5
--0.01
--0.8
--0.9
--1.0
--1.1
--0.6
--0.7
--0.1
3
2
7
5
3
2
--1.2
VGS=0
IF -- VSD
IT00098
IT00100
IT00101
IT00099
Ciss
Coss
Crss
td(on)
td(off)
tr
tf
--0.01
0.01
--0.1
23
5
7
2
3
0.1
1.0
7
5
3
2
7
5
3
2
yfs -- ID
VDS= --10V
--60
10
--40
15
--20
20
0
25
30
20
35
40
60
40
80
100
120
140
160
RDS(on) -- Ta
IT00096
IT00097
I D
= -
-20mA,
V GS
= -
-2.5V
I D
= -
-40mA,
V GS
= -
-4.0V
Ta= --25
°C
75°C
25°C
--0.01
10
--0.1
23
5
7
2
3
--0.001
--0.01
23
5
7
2
3
1000
100
7
5
3
2
7
5
3
2
RDS(on) -- ID
VGS= --2.5V
10
100
7
5
3
2
RDS(on) -- ID
VGS= --1.5V
IT00094
IT00095
Ta=75
°C
25
°C
--25
°C
Ta=75
°C
25
°C
--25
°C
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain Current, ID -- A
Ambient Temperature, Ta --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com