Electronic Components Datasheet Search
  English  ▼

X  

FPF2001 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FPF2001
Description  Advanced Load Management Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2001 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FPF2001 Datasheet HTML 4Page - ON Semiconductor FPF2001 Datasheet HTML 5Page - ON Semiconductor FPF2001 Datasheet HTML 6Page - ON Semiconductor FPF2001 Datasheet HTML 7Page - ON Semiconductor FPF2001 Datasheet HTML 8Page - ON Semiconductor FPF2001 Datasheet HTML 9Page - ON Semiconductor FPF2001 Datasheet HTML 10Page - ON Semiconductor FPF2001 Datasheet HTML 11Page - ON Semiconductor FPF2001 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
7
www.fairchildsemi.com
FPF2000-FPF2007 Rev. H
Typical Characteristics
Figure 13. TBLANK vs. Temperature
Figure 14. TRESTART vs. Temperature
Figure 15. TBLANK Response
Figure 16. TRESTART Response
Figure 17. TON Response
Figure 18. TOFF Response
8
9
10
11
12
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
40
60
80
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VDRV
3
2V/DIV
VOUT
2V/DIV
IOUT
50mA/DIV
VFLAGB
2V/DIV
VDRV
3
2V/DIV
VOUT
2V/DIV
IOUT
50mA/DIV
VFLAGB
2V/DIV
5mS/DIV
10mS/DIV
VON
2V/DIV
IOUT
10mA/DIV
VON
2V/DIV
IOUT
10mA/DIV
50µS/DIV
100nS/DIV
RL = 500Ω, CL = 0.1µF
Active High Devices
RL = 500Ω, CL = 0.1µF
Active High Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com