Electronic Components Datasheet Search
  English  ▼

X  

PDT25016 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # PDT25016
Description  Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PDT25016 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  PDT25016 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PDT25016 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PDT25016 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PDT25016 Datasheet HTML 4Page - Kyocera Kinseki Corpotation PDT25016 Datasheet HTML 5Page - Kyocera Kinseki Corpotation PDT25016 Datasheet HTML 6Page - Kyocera Kinseki Corpotation PDT25016 Datasheet HTML 7Page - Kyocera Kinseki Corpotation PDT25016 Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
■電気的特性 Electrical Characteristics
項 目
Parameter
記 号
Symbol
条 件
Conditions
特性値 最大
Maximum Value
単位
Unit
最小
Min
標準
Typ
最大
Max
オ 電流
Peak Off-State Current
IDM
Tj = 125℃, VDM=VDRM
80
mA
逆電流
Peak Reverse Current
IRM
Tj = 125℃, VRM= VRRM
80
mA
オン電圧
Peak Off-State Voltage
VTM
Tj = 25℃, ITM=800A
1.38
V
ト ガ
ト電流
Gate Currentto Trigger
IGT
VD=6 V, IT=1A
Tj= 40℃
300
mA
Tj= 25℃
150
Tj=125℃
80
ト ガ
ト電圧
Gate Voltage to Trigger
VGT
VD=6 V, IT=1A
Tj= 40℃
5
V
Tj= 25℃
3
Tj=125℃
2
非ト ガ
ト電圧
Gate Non-Trigger Voltage
VGD
Tj =125℃, VD=2/3 VDRM
0.25
V
臨界オ 電圧上昇率
Critical Rateof Rise of Off-State Voltage
dv/dt
Tj =125℃, VD=2/3 VDRM
500
V/μs
タ ンオ 時間
Turn-Off Time
t q
Tj =125℃, ITM=Io, VD=2/3 VDRM
dv/dt =20V/μs, VR=100V, ‐di/dt = 20A/μs
200
μs
タ ンオン時間
Turn-On Time
t gt
Tj =25℃, VD=2/3 VDRM
IG=300mA, diG/dt= 0.2A/μs
6
μs
遅れ時間
Delay Time
t d
2
μs
立ち上がり時間
Rise Time
t r
4
μs
ッチン 電流
LatchingCurrent
I L
Tj =25℃
150
mA
保持電流
HoldingCurrent
I H
Tj =25℃
100
mA
熱抵抗
Thermal Resistance
Rth(j-c)
接合部
間
Junction to Case
0.18
℃/W
接触熱抵抗
Thermal Resistance
Rth(c-f)
ース-フィ 間
ーマル ハ
ト 塗布
Case to Fin, Greased
0.1
℃/W
質 量
約480 g
1ア ム当りの値 Value Per1 Arm.
Approximate Weight



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com