Electronic Components Datasheet Search
  English  ▼

X  

PF30SN8 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # PF30SN8
Description  Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PF30SN8 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  PF30SN8 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PF30SN8 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PF30SN8 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PF30SN8 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURGE CURRENT RATINGS
PF30SN8(Per 1 Arm.)
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
100
200
300
400
500
600
700
0.02s
IFSM
Transient Thermal Impedance
PF30SN8(Per 1 Arm.)
0.001 0.002
0.005 0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Time t (s)
0.05
0.1
0.2
0.5
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com