Electronic Components Datasheet Search
  English  ▼

X  

74AHC377 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHC377
Description  Octal D-type flip-flop with data enable; positive-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC377 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC377 Datasheet HTML 1Page - NXP Semiconductors 74AHC377 Datasheet HTML 2Page - NXP Semiconductors 74AHC377 Datasheet HTML 3Page - NXP Semiconductors 74AHC377 Datasheet HTML 4Page - NXP Semiconductors 74AHC377 Datasheet HTML 5Page - NXP Semiconductors 74AHC377 Datasheet HTML 6Page - NXP Semiconductors 74AHC377 Datasheet HTML 7Page - NXP Semiconductors 74AHC377 Datasheet HTML 8Page - NXP Semiconductors 74AHC377 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2000 Aug 15
2
Philips Semiconductors
Product specification
Octal D-type flip-flop with data enable;
positive-edge trigger
74AHC377; 74AHCT377
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V
CDM EIA/JESD22-C101 exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Inputs accept voltages higher than VCC
• Ideal for addressable register applications
• Data enable for address and data synchronization
• Eight positive-edge triggered D-type flip-flops
• See “273” for master reset version
• See “373” for transparent latch version
• See “374” for 3-state version
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 and from −40 to +125 °C.
DESCRIPTION
The 74AHC/AHCT377 D-type flip-flops are high-speed
silicon-gate CMOS devices and are pin compatible with
low power Schottky TTL (LSTTL). They are specified in
compliance with JEDEC standard No. 7A.
The 74AHC/AHCT377 devices have eight edge-triggered,
D-type flip-flops with individual D inputs and Q outputs.
A common clock (CP) input loads all flip-flops
simultaneously when the data enable (E) is LOW. The
state of each D input, one set-up time before the
LOW-to-HIGH clock transition, is transferred to the
corresponding output (Qn) of the flip-flop.
The E input must be stable only one set-up time prior to the
LOW-to-HIGH transition for predictable operation.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation delay;
CP to Qn
CL = 15 pF; VCC = 5 V
3.9
4.0
ns
fmax
maximum clock frequency
CL = 15 pF; VCC = 5 V
175
140
MHz
CI
input capacitance
VI =VCC or GND
3.0
3.0
pF
CPD
power dissipation
capacitance
CL = 50 pF; f = 1 MHz;
notes 1 and 2
20
23
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com