Electronic Components Datasheet Search
  English  ▼

X  

CS325S Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CS325S
Description  AT-CUT CRYSTAL UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CS325S Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CS325S Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CS325S Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
R
R
R 1
1
1
1
Aging
(first
year)
Aging
(first
year)
Aging
(first
year)
Aging
(first
year)
Δf/f0
±5ppm
Max.
25℃±3℃
■
MOTIONAL (SERIES) RESISTANCE (R1)
Freq.
Range
Freq.
Range
Freq.
Range
Freq.
Range
(MHz)
(MHz)
(MHz)
(MHz)
120ΩMax.
120ΩMax.
120ΩMax.
120ΩMax.
80ΩMax.
80ΩMax.
80ΩMax.
80ΩMax.
50ΩMax.
50ΩMax.
50ΩMax.
50ΩMax.
150ΩMax.
150ΩMax.
150ΩMax.
150ΩMax.
Level
of
drive
Level
of
drive
Level
of
drive
Level
of
drive
DL
100μW
Max.
Insulation
Resistance
Insulation
Resistance
Insulation
Resistance
Insulation
Resistance
IR
500MΩMin.
DC100V±15V
16.0≦f
16.0≦f
16.0≦f
16.0≦f 0
0
0
0
<20.0
<20.0
<20.0
<20.0
20.0≦f
20.0≦f
20.0≦f
20.0≦f 0
0
0
0
<30.0
<30.0
<30.0
<30.0
30.0≦f
30.0≦f
30.0≦f
30.0≦f 0
0
0
0
<54.0
<54.0
<54.0
<54.0
12.0≦f
12.0≦f
12.0≦f
12.0≦f 0
0
0
0
<16.0
<16.0
<16.0
<16.0
Load
capacitance
Load
capacitance
Load
capacitance
Load
capacitance
CL
10.0pF
~
∞
Please
specify
your
requirement
Shunt
capacitance
Shunt
capacitance
Shunt
capacitance
Shunt
capacitance
C0
5.0pF
Max.
Storage
Temperature
Range
Storage
Temperature
Range
Storage
Temperature
Range
Storage
Temperature
Range
TSTR
-55℃
~
+125℃
Motional
(series)
resistance
Motional
(series)
resistance
Motional
(series)
resistance
Motional
(series)
resistance
R1
Refer
to
the
following
table
at
25˚C
Nominal
Frequency
Nominal
Frequency
Nominal
Frequency
Nominal
Frequency
f0
12.0MHz
~
54.0MHz
(Fundamental)
Please
contact
us
for
frequencies
available
Frequency
Tolerance
Frequency
Tolerance
Frequency
Tolerance
Frequency
Tolerance
Δf/f0
±30ppm
at
25˚C
AT-CUT CRYSTAL UNIT (SMD
・
Ceramic Package)
CS325S
RoHS compliant / Pb free
3,000pcs/reel
■
FEATURES
●
Ultra-lightweight
microminiature
AT
Crystal
units
SMD
type
●
Frequency
range
:
12.0
~
54.0MHz
●
External
dimensions
(mm)
 
L
:
3.3
x
W
:
2.6
x
H
:
0.7
●
Applications
  Small
mobile
devices
/
Consumer
products
■
DIMENSION [mm]
■
SOLDER PAD LAYOUT [mm]
■
STANDARD SPECIFICATIONS
Model
CS325S
Conditions
Item
Frequency
Tolerance
over
Frequency
Tolerance
over
Frequency
Tolerance
over
Frequency
Tolerance
over
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
Δf/f0
±30ppm
-10℃~+60℃
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
TOPR
-40℃
~
+85℃
#2
and
#4
are
connected
with
cover.
http://cfd.citizen.co.jp/english/prod-tech/product/cvo_top.html


Similar Part No. - CS325S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS325 ETC2-CS325 Datasheet
79Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS325 CITIZEN-CS325 Datasheet
70Kb / 1P
AT-CUT CRYSTAL UNIT
logo
Campbell Scientific Uni...
CS325DM-L CAMPBELL-CS325DM-L Datasheet
465Kb / 2P
Silicon Irradiance Reference Sensor
08/01/2022
logo
List of Unclassifed Man...
CS325H ETC2-CS325H Datasheet
79Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS325H CITIZEN-CS325H Datasheet
751Kb / 1P
AT-CUT CRYSTAL UNIT
More results

Similar Description - CS325S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS10 ETC2-CS10_1 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
CS325H ETC2-CS325H Datasheet
79Kb / 1P
AT-CUT CRYSTAL UNIT
HC49US ETC-HC49US Datasheet
818Kb / 1P
AT-CUT CRYSTAL UNIT
HCM49 ETC-HCM49 Datasheet
855Kb / 1P
AT-CUT CRYSTAL UNIT
logo
RSG Electronic Componen...
CM309S RSG-CM309S Datasheet
214Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS204.000MABJ-UT CITIZEN-CS204.000MABJ-UT Datasheet
812Kb / 1P
AT-CUT CRYSTAL UNIT
CM309E CITIZEN-CM309E Datasheet
389Kb / 2P
AT-CUT CRYSTAL UNIT
CM309S CITIZEN-CM309S Datasheet
862Kb / 1P
AT-CUT CRYSTAL UNIT
CS325H CITIZEN-CS325H Datasheet
751Kb / 1P
AT-CUT CRYSTAL UNIT
HC49US CITIZEN-HC49US Datasheet
819Kb / 1P
AT-CUT CRYSTAL UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com