Electronic Components Datasheet Search
  English  ▼

X  

74HC04DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC04DB
Description  Hex inverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC04DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC04DB Datasheet HTML 1Page - NXP Semiconductors 74HC04DB Datasheet HTML 2Page - NXP Semiconductors 74HC04DB Datasheet HTML 3Page - NXP Semiconductors 74HC04DB Datasheet HTML 4Page - NXP Semiconductors 74HC04DB Datasheet HTML 5Page - NXP Semiconductors 74HC04DB Datasheet HTML 6Page - NXP Semiconductors 74HC04DB Datasheet HTML 7Page - NXP Semiconductors 74HC04DB Datasheet HTML 8Page - NXP Semiconductors 74HC04DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2003 Jul 23
5
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. For DIP14 packages: above 70
°C derate linearly with 12 mW/K.
2. For SO14 packages: above 70
°C derate linearly with 8 mW/K.
For SSOP14 and TSSOP14 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C derate linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74HC04
74HCT04
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
−
VCC
0
−
VCC
V
VO
output voltage
0
−
VCC
0
−
VCC
V
Tamb
ambient temperature
see DC and AC
characteristics per
device
−40
+25
+125
−40
+25
+125
°C
tr, tf
input rise and fall times
VCC = 2.0 V
−−
1000
−−−
ns
VCC = 4.5 V
−
6.0
500
−
6.0
500
ns
VCC = 6.0 V
−−
400
−−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+7.0
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
−±20
mA
IOK
output diode current
VO < −0.5 V or VO >VCC + 0.5 V
−±20
mA
IO
output source or sink
current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC, IGND
VCC or GND current
−±50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
DIP14 package
Tamb = −40 to +125 °C; note 1
−
750
mW
other packages
Tamb = −40 to +125 °C; note 2
−
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com