Electronic Components Datasheet Search
  English  ▼

X  

K-PD Datasheet(PDF) 1 Page - Mini-Circuits

Part # K-PD
Description  PHASE DETECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K-PD Datasheet(HTML) 1 Page - Mini-Circuits

  K-PD Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHASE DETECTORS
Designer's Kit K-PD
RF/IF MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
9120
$
Kit K-PD Electrical specifications of each model
ea. kit ( 5 models, 1 of each, 5 total )
1 to 400MHz
MPD Features
•
Wideband, 50
Ω
•
Input pwr. 50mW max.
•
Low DC offset
•
High DC output
•
High isolation
•
Welded metal case
•
Hermetically sealed
•
Shielded plug-in pkg.
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
Model
Frequency Power
Scale
Impedance
Isolation
Output
DC Output*
Figure
(MHz)
In
Factor
(ohms)
(dB)
Polarity
(mV) Of
RF1
Output
Merit
RF1
I
RF2
Load
RF1-RF2
RF1/RF2
Max.
Offset
RF2
(dBm)
mV/deg.
I
Min.
In-Phase
Typ. Min.
Typ. Max.
Typ.
Plug-In
MPD-1+
1-100
DC-50
7
8
500
40
neg.
1000 700
0.2
1
143
MPD-2+
10-200
DC-50
7
8
500
40
neg.
1000 700
0.3
1
143
MPD-21+
50-400
DC-50
7
7
500
40**
neg.
800
500
0.5
1
120
Surface Mount
SYPD-1+
1-100
DC-50
7
8
500
40
neg.
1000 700
0.2
1
143
SYPD-2+
10-200
DC-50
7
8
500
40
neg.
1000 700
0.3
1
143
*MPD-1+: DC output decreases to 550mV over 1-10MHz as temperature decreases to -55ºC.
**MPD-21+: 30dB from 200 to 400MHz.
SYPD Features
•
Wideband, 50
Ω
•
Input pwr. 50mW max.
•
Low DC offset
•
High DC output
•
High isolation
•
Rugged plastic case
•
Miniature SM pkg.
( L ) 0.50" x ( W ) 0.38" x ( H ) 0.15"
MPD
SYPD
REV. OR
M106033
K-PD


Similar Part No. - K-PD

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-PA1 RFBEAM-K-PA1 Datasheet
215Kb / 2P
K-PA1 Antenna
logo
Mini-Circuits
K-PHP MINI-K-PHP Datasheet
231Kb / 1P
HIGH PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K-POS-1 MINI-K-POS-1 Datasheet
247Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
K-POS-1+ MINI-K-POS-1+ Datasheet
247Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
More results

Similar Description - K-PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
PROXIMITY DETECTORS
Apr-1993
logo
Alpha Industries
SPD1101-111 ALPHA-SPD1101-111 Datasheet
450Kb / 2P
Sampling Phase Detectors
logo
Maxim Integrated Produc...
MAX9382 MAXIM-MAX9382 Datasheet
214Kb / 10P
ECL/PECL Phase-Frequency Detectors
Rev 1; 11/02
logo
Mini-Circuits
RPD-2 MINI-RPD-2 Datasheet
68Kb / 1P
Phase Detectors 1000mV DC output , 7dBmRF
logo
Skyworks Solutions Inc.
SPD1101-111 SKYWORKS-SPD1101-111_06 Datasheet
183Kb / 3P
Sampling Phase Detectors
logo
Systemsensor advanced i...
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
SMOKE DETECTORS
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
Smoke Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
logo
M/A-COM Technology Solu...
MSPD101X-XXX MA-COM-MSPD101X-XXX Datasheet
820Kb / 6P
Sampling Phase Detectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com