Electronic Components Datasheet Search
  English  ▼

X  

L1186 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L1186
Description  600mA CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1186 Datasheet(HTML) 4 Page - Unisonic Technologies

  L1186 Datasheet HTML 1Page - Unisonic Technologies L1186 Datasheet HTML 2Page - Unisonic Technologies L1186 Datasheet HTML 3Page - Unisonic Technologies L1186 Datasheet HTML 4Page - Unisonic Technologies L1186 Datasheet HTML 5Page - Unisonic Technologies L1186 Datasheet HTML 6Page - Unisonic Technologies L1186 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L1186
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-319.I
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
8
V
Output Voltage
VOUT
GND-0.3 ~ VIN+0.3
V
Output Current
IOUT
OUT
IN
D
V
-
V
P
A
SOT-25
400
Power Dissipation
SOP-8
PD
600
mW
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-25
260
Junction to Ambient
SOP-8
θJA
200
°C/W
SOT-25
81
Junction to Case (Note)
SOP-8
θJC
65
°C/W
Note: θJC on center of molding compound if IC has on tab.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com