Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM2937
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2937 Datasheet(HTML) 4 Page - Unisonic Technologies

  LM2937 Datasheet HTML 1Page - Unisonic Technologies LM2937 Datasheet HTML 2Page - Unisonic Technologies LM2937 Datasheet HTML 3Page - Unisonic Technologies LM2937 Datasheet HTML 4Page - Unisonic Technologies LM2937 Datasheet HTML 5Page - Unisonic Technologies LM2937 Datasheet HTML 6Page - Unisonic Technologies LM2937 Datasheet HTML 7Page - Unisonic Technologies LM2937 Datasheet HTML 8Page - Unisonic Technologies LM2937 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM2937
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R102-012.K
ELECTRICAL CHARACTERISTICS (Cont.)
For LM2937-5.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
5mA≤IOUT≤500mA
4.85
5.00
5.15
V
Line Regulation
△
VOUT
VOUT+2V≤VIN≤26V, IOUT=5mA
15
50
mV
Load Regulation
△
VOUT
5mA≤IOUT≤500mA
5
50
mV
(VOUT+2V)≤VIN ≤26V, IOUT=5mA
2
10
mA
Quiescent Current
IQ
VIN= VOUT+5V, IOUT=500mA
10
20
mA
Output Noise Voltage
eN
10Hz-100kHz, IOUT=5mA
150
μVrms
Long Term Stability
1000Hrs
20
mV
IOUT=500mA
0.5
1.0
V
Dropout Voltage
VD
IOUT=50mA
110
250
mV
Short Circuit Current
ISC
0.6
1.0
A
Peak Line Transient Voltage
TIN
tF≤100ms, RL=100Ω
60
75
V
Reverse DC Input Voltage
VRIN
VOUT ≥-0.6V, RL=100Ω
-15
-30
V
Reverse Transient Input Voltage
VTRRI
tF<1ms, RL=100Ω
-50
-75
V
For LM2937-8.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
5mA≤IOUT≤500mA
7.76
8.00
8.24
V
Line Regulation
△
VOUT
VOUT+2V≤VIN≤26V, IOUT=5mA
24
80
mV
Load Regulation
△
VOUT
5mA≤IOUT≤500mA
8
80
mV
(VOUT+2V)≤VIN ≤26V,IOUT=5mA
2
10
mA
Quiescent Current
IQ
VIN= Vo+5V, IOUT=500mA
10
20
mA
Output Noise Voltage
eN
10Hz-100kHz, IOUT=5mA
240
μVrms
Long Term Stability
1000Hrs
32
mV
IOUT=500mA
0.5
1.0
V
Dropout Voltage
VD
IOUT=50mA
110
250
mV
Short Circuit Current
ISC
0.6
1.0
A
Peak Line Transient Voltage
TIN
tF≤100ms, RL=100Ω
60
75
V
Reverse DC Input Voltage
VRIN
VOUT ≥-0.6V, RL=100Ω
-15
-30
V
Reverse Transient Input Voltage
VTRRI
tF<1ms, RL=100Ω
-50
-75
V
For LM2937-10.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
5mA≤IOUT≤500mA
9.70
10.00
10.30
V
Line Regulation
△
VOUT
VOUT+2V≤VIN≤26V, IOUT=5mA
30
100
mV
Load Regulation
△
VOUT
5mA≤IOUT≤500mA
10
100
mV
(VOUT+2V)≤VIN ≤26V,IOUT=5mA
2
10
mA
Quiescent Current
IQ
VIN= VOUT+5V, IOUT=500mA
10
20
mA
Output Noise Voltage
eN
10Hz-100kHz, IOUT=5mA
300
μVrms
Long Term Stability
1000Hrs
40
mV
IOUT=500mA
0.5
1.0
V
Dropout Voltage
VD
IOUT=50mA
110
250
mV
Short Circuit Current
ISC
0.6
1.0
A
Peak Line Transient Voltage
TIN
tF≤100ms ,RL=100Ω
60
75
V
Reverse DC Input Voltage
VRIN
VOUT≥-0.6V ,RL=100Ω
-15
-30
V
Reverse Transient Input Voltage
VTRRI
tF<1ms ,RL=100Ω
-50
-75
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com