Electronic Components Datasheet Search
  English  ▼

X  

AP1121 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1121
Description  Dual 1A Low Dropout Positive Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1121 Datasheet(HTML) 1 Page - Anachip Corp

  AP1121 Datasheet HTML 1Page - Anachip Corp AP1121 Datasheet HTML 2Page - Anachip Corp AP1121 Datasheet HTML 3Page - Anachip Corp AP1121 Datasheet HTML 4Page - Anachip Corp AP1121 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP1121
Dual 1A Low Dropout Positive Regulator
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.0 Mar. 4, 2004
1/5
Features
•
1.3V maximum dropout at full load current
•
Fast transient response
•
Output current limiting for each channel.
•
Built-in thermal shutdown each channel.
•
Good noise rejection
•
Dual output ch1=3.3V, ch2=2.5V
(1.8V for B version)
•
Pb-Free Packages: SOP-8L
Applications
•
PC peripheral
•
Communication
General Description
AP1121 series are low dropout positive regulator
with minimum of 1A output current capability. The
product
is
specifically
designed
to
provide
well-regulated supply for low voltage IC applications
such as high-speed bus termination and low current
3.3V/2.5V or 3.3V/1.8V logic supply. AP1121 series
are guaranteed to have <1.3V dropout at full load
current making it ideal to provide well regulated
outputs dual channels with up to 18V input supply.
Connection Diagram
AP1121
7
5
4
3
2
1
6
GND
V
IN
V
OUT1
V
IN
(Top View)
8
V
OUT2
GND
GND
GND
Pin Descriptions
NAME
FUNCTION
GND
Ground
3.3V(VOUT1)
2.5V/1.8V
(VOUT2)
The output of the regulator. A
minimum of 10uF capacitor
must be connected from this
pin to ground to insure
stability.
VIN
The input pin of regulator.
Typically a large storage
capacitor is connected from
this pin to ground.
Ordering Information
AP 1121 X X X
Package
Vout
S : SOP-8L
Packing
Blank : Tube
A
: Taping
A : CH1=3.3V
CH2=2.5V
B : CH1=3.3V
CH2=1.8V


Similar Part No. - AP1121

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
AP1121 DIODES-AP1121 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
AP1121AS DIODES-AP1121AS Datasheet
245Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
AP1121ASG-13 DIODES-AP1121ASG-13 Datasheet
245Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
AP1121ASG-U DIODES-AP1121ASG-U Datasheet
245Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
More results

Similar Description - AP1121

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 1.0 Aug.17, 2004
logo
Taiwan Semiconductor Co...
TS1537 TSC-TS1537 Datasheet
143Kb / 5P
Dual 1A Low Dropout Positive Voltage Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
AP1120 DIODES-AP1120_15 Datasheet
322Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com