Electronic Components Datasheet Search
  English  ▼

X  

AS2350 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS2350
Description  Secondary Side Housekeeping Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2350 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS2350 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Secondary Side Housekeeping Circuit
AS23xx
95
ASTEC Semiconductor
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
20
V
Continuous Power Dissipation at 25
° CPD
1000
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
– 65 to 150
°C
Lead Temperature, Soldering 10 Seconds
TL
300
°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Typical Thermal Resistance
Package
θJA
θJC
Typical Derating
16L SOIC
65
° C/W
45
° C/W
10.0 mW/
°C
16L PDIP
80
° C/W
35
° C/W
12.5 mW/
°C
Recommended Conditions
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
5 - 12
V
Electrical Characteristics
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
° C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. Unless otherwise specified, the conditions of test are VCC = 12 V;
+3.3 V = 3.3 V; +5 V = 5V; +12 V = 12 V; –12 V = –12 V; – 5 V = – 5 V; OFF = low.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Bias
Supply Current
ICC
no faults
8
12
mA
Min. VCC for operation
VCC Min.
VREF = 2.5 V, no faults
4.2
V
Undervoltage, Overvoltage
+3.3 V (Not available on AS2350)
+3.3 V Undervoltage
UV
2.87
2.95
3.03
V
+3.3 V Overvoltage
OV
3.76
3.86
3.96
V
+3.3 V Input Current
IB
V+3.3 =+3.3V, V+5 =+5.0V
-0.1
0
0.1
mA
+5 V
+5 V Undervoltage
UV
4.40
4.50
4.60
V
+5 V Overvoltage
OV
5.74
5.89
6.04
V
+5 V Input Current
IB
V+5 =+5.0V, V+3.3 =+3.3V
1.6
2.5
mA
+12 V
+12 V Undervoltage
UV
10.25
10.50
10.60
V
+12 V Overvoltage
OV
14.53
14.90
15.27
V
+12 V Input Current
IB
V+12 =+12.0V
0.8
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com