Electronic Components Datasheet Search
  English  ▼

X  

AT86RF210 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT86RF210
Description  Z-Link Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF210 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT86RF210 Datasheet HTML 1Page - ATMEL Corporation AT86RF210 Datasheet HTML 2Page - ATMEL Corporation AT86RF210 Datasheet HTML 3Page - ATMEL Corporation AT86RF210 Datasheet HTML 4Page - ATMEL Corporation AT86RF210 Datasheet HTML 5Page - ATMEL Corporation AT86RF210 Datasheet HTML 6Page - ATMEL Corporation AT86RF210 Datasheet HTML 7Page - ATMEL Corporation AT86RF210 Datasheet HTML 8Page - ATMEL Corporation AT86RF210 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
AT86RF210
5033AS–WIRE–10/03
Note:
*Rise and fall time is measured 10%–90%. Delay, setup, and hold times are measured 50%–50%
TCLKH
CLK hold time
25
nsec
TCLKW
CLK pulse width
50
nsec
TSDIS
SDI setup time
25
nsec
TSDIH
SDI hold time
25
nsec
TSDOD
SDO delay time
25
nsec
Table 8. Low Battery Detector Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Lvbat 0
Low voltage battery detector threshold voltage mode
0 (5 bit resolution)
1.5
3.5
Volt
Table 7. Serial Configuration Register* (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Table 9. Preliminary PIN Description QFN48
PIN
Num
Type
Startup
Cond
Description
SUB
1
V_I/O
GND
Substrate connection
LNARFIN
2
RF_I
NA
Low-noise amplifier RF input
LNAVSS
3
RF_I/O
NA
Analog ground for the LNA
RSWOUT
4
RF_I/O
NA
Transmit-receive switch out. Signal from ANT is routed through the
TR switch to the LNA input.
VSS
5
RF_I/O
NA
Transmit-receive switch isolation ground 1.
ANT
6
RF_I/O
NA
Antenna RF input/output. Nominal impedance 50
Ω, part of T/R
switch. Routes signal to the LNA or from the PA.
VSS
7
RF_I/O
NA
Transmit-receive switch isolation ground 2.
TSWIN
8
RF_I/O
NA
Transmit-receive switch input. Signal from PA comes into TR switch
and is routed to ANT.
PAOUT
9
RF_I/O
NA
PA signal routed into the T/R switch from the PA.
VSS
10
Pin not used
VDDA
11
V_I
NA
Secondary analog power supply input. Set in proximity to power
amplifier circuits.
PAREG
12
A_O
NA
PA regulator output. Settable current source output for charging a
large external capacitor during battery operation.
VCOVDD
13
V_I
NA
VCO power supply input
VCOREG
14
V_I
NA
External filter cap for the VCO regulator
No Connect
15
NA
Pin not used
No Connect
16
NA
Pin not used
VCOVSS
17
A_I/O
NA
VCO power supply ground
VCOTUNE
18
A_I
NA
LO VCO control input. An internal differential varactor diode tunes the
LO frequency. The control voltage should be referenced to LOGND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com