Electronic Components Datasheet Search
  English  ▼

X  

AS2333N Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AS2333N
Description  Secondary Side Housekeeping Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2333N Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AS2333N Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2333N Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2333N Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2333N Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2333N Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2333N Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2333N Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2333N Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2333N Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Secondary Side Housekeeping Circuit
AS23xx
99
ASTEC Semiconductor
require a specific timing sequence for the POK
signal.
Some PSU systems also require an
isolated, low voltage, low power remote turn-on
switch, rather than a large line cord switch.
2.1 VREF Enable of Chip Bias
Since the VCC of the AS23xx comes up in a finite
amount of time, and since the VREF of the chip
and the bias for the comparators are not within
specification until approximately 4.2 V of VCC is
available, the comparators for OV and UV and
most other functions are disabled until VREF is
within spec. This prevents the false detection of
a FAULT due to an erroneous VREF. Similarly,
if VREF is too heavily loaded and gets pulled low
out of spec, these functions will also shut off.
2.2 Blanking UV’s During Start-up: UVB
As the power supply outputs come up, the
undervoltage FAULTs must be blanked to allow
the supply to complete its start-up. Putting a
capacitor to ground on the UVB pin will allow the
PSU designer to set a specific period of time
during which undervoltages will not propogate to
the FAULT pin. The UVB pin provides a 1
µA
current source to charge the cap, and once the
UVB pin charges above 2.5 V, the undervoltage
sensing is enabled.
UVB does not blank
undervoltages to the POK pin. The UVB pin is
clamped one diode above VREF, or about 3.1 V,
allowing fast discharge of the capacitor when the
system resets.
2.3 POK Bias
The POK pin has some specific requirements
based on industry standard PC power supply
specifications. At start-up, the POK pin must not
rise above 0.4 V. The POK pin is an NPN open
collector whose base is tied to VCC via a simple
resistor. Therefore, once VCC pulls above one
diode or about 0.6 V, the POK pin will go low and
saturate. If the POK pin external pull-up is to the
5 V output, the POK signal will not go above 0.4
V if the VCC of the AS23xx is tied to the 12 V
output or an auxilliary rail.
2.4 POK Start-up Timing: PGCAP
In addition to 2.3 above, most PC power supplies
require the POK pin to remain low until all outputs
have been good for at least 100 ms but not more
than 500 ms. A cap to ground on the PGCAP pin
allows to the PSU designer to set the timing
delay between the PSU outputs becoming good
and the POK pin going high. The PGCAP pin
provides a 1
µA current source to charge the cap,
and when the cap charges above 2.5 V, the POK
pin goes high. When an undervoltage occurs,
the PGCAP pin discharges rapidly and the POK
pin goes low. The POK pin does not respond to
overvoltages.
2.5 Isolated Remote On/Off Switching: OFF
and FAULT
A low voltage, isolated remote on/off switch may
be implemented with the AS23xx OFF pin. If the
chip VCC is run off an auxilliary rail, the FAULT
signal may be used to start and stop the PSU.
When the OFF pin is pulled from high to low or
grounded, the FAULT pin resets to a low state,
which may be used to drive an optocoupler to
enable the primary side PWM controller. Allow-
ing the OFF pin to go open circuit or high causes
the POK pin to go low immediately, and the
FAULT pin will go high after a time delay set by
a cap to ground on the DELAY pin. This allows
the customer’s system to receive a POK warning
before the PSU actually shuts down.
Section 3 - PSU Shutdown Sequences
3.0 Shutdown Sequence
For normal shutdowns, the primary requirement
is that the POK signal should go low some
minimum time before the PSU outputs fall out of
spec.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com