Electronic Components Datasheet Search
  English  ▼

X  

AS2350N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS2350N
Description  Secondary Side Housekeeping Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2350N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS2350N Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2350N Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2350N Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2350N Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2350N Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2350N Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2350N Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2350N Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2350N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AS23xx
Secondary Side Housekeeping Circuit
ASTEC Semiconductor
92
Functional Block Diagram
500
UV
OV
UV
OV
UV
OV
UV
1µA
OV
S
R
Q
Latch
S
R
Q
Latch
t
20 µs delay
S
R
Q
Latch
nUVLatch
nUV Latch
nUV
nUV
nUV
nRESET
nRESET
nO V
nO V
nO VLatch
Disab le
UV
Disab le
1µA
1µA
OV
chip b ias
2.5V
t
20 µs delay
nAC WARNING
nO FF WARNING
nPO K
nRESET
nFAULT
nFAULT
nO V
HYST
+12V
+5V
+3.3V
- 5V
- 12V
AC
HYST
OFF
VREF
VCC
VREF
VREF
VREF
VCC
VCC
GND
VREF
VCC
VREF
VREF
VCC
VCC
VCC
VREF
VCC
VCC
VCC
FAULT
CBD Latch powers up
in RESET state.
CBD
UVB
PGC AP
POK
DELAY
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com