Electronic Components Datasheet Search
  English  ▼

X  

T346021 Datasheet(PDF) 1 Page - E-SWITCH

Part # T346021
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T346021 Datasheet(HTML) 1 Page - E-SWITCH

  T346021 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
3004P6J3BLKVS5QE
2:1
3/3/2017
T346021
B
MJR
1
1
CIRCUIT: 4PDT
10
11
12
12
9 6
3
P.C. MOUNTING
2
1
3
4
5
6
7
8
9
10
11
12
A
22749
NEW RELEASE
3/3/17
MJR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2A @250 VAC
5A @120 VAC OR 28 VDC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 M
MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30 C to 85 C
10.
DENOTES CRITICAL PARAMETER.
11. 2011/65/EU (ROHS) COMPLIANT
E-SWITCH
MARKING ON
OPPOSITE SIDE
21.59
[.850 in]
12.70
[.500 in]
8.13
[.320 in]
16.00
[.630 in]
2
1
3
5
4
6
8
7
9
11
10
12
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
ON
ON
ON
2-3, 5-6,
8-9, 11-12
2-3, 5-4,
8-9, 11-10
2-1, 5-4,
8-7, 11-10
SWITCH
RATING
15.11
[.595 in]
4.70
[.185 in]
6.35
[.250 in]
6.35
[.250 in]
4.83
[.190 in]
1.85
[.073 in]
4.70
[.185 in]
19.05
[.750 in]
19.05
[.750 in]
4.83
[.190 in]
4.70
[.185 in]
11.56
[.455 in]
ACTUATOR COLOR:
BLACK
TERMINALS .76 X 1.27
[.030 in X .050 in] TYP.
B
22818
UPDATED SWITCH FUNCTION CHART
4/24/17
MJR


Similar Part No. - T346021

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T346020 E-SWITCH-T346020 Datasheet
144Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T346021

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com