Electronic Components Datasheet Search
  English  ▼

X  

ELR3 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # ELR3
Description  Electronic load relay, for direct driving of equipment in the 3-phase network, with light indicator and protection circuit, output: 110-550 V AC/3 x 9 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ELR3 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  ELR3 Datasheet HTML 1Page - PHOENIX CONTACT ELR3 Datasheet HTML 2Page - PHOENIX CONTACT ELR3 Datasheet HTML 3Page - PHOENIX CONTACT ELR3 Datasheet HTML 4Page - PHOENIX CONTACT ELR3 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELR 3/ 9-500 Order No.: 2941714
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2941714
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 3, 2011
Nominal input voltage UN
24 V DC
Input voltage range in reference to UN
0.8 ... 1.2
Typical input current at UN
16 mA
Switching threshold "0" signal in reference to UN
> 0.8
Switching threshold "1" signal in reference to UN
< 0.3
Reaction time in normal load operation
20 ms
Transmission frequency
10 Hz (With ohmic load)
1 Hz (At cos φ = 0.5)
Output data, load relay
Output name
AC output
Nominal output voltage
500 V AC
Nominal output voltage range
110 V AC ... 550 V AC
Periodic peak reverse voltage
1200 V
Mains frequency
50 Hz
60 Hz
Load current
9 A (see derating curve)
Leakage current
Typ. 7 mA
Residual voltage
Typ. 1.5 V
Surge current
230 A (tp = 10 ms, at 25 °C)
Type of protection
RC element
Protective circuit/component
RC element
Type of protection
Surge protection
Surge voltage protection
> 750 V
Connection data
Type of connection
Screw connection
Stripping length
8 mm
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
10
Screw thread
M3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com