Electronic Components Datasheet Search
  English  ▼

X  

B3845AM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B3845AM
Description  Current Mode PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B3845AM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B3845AM Datasheet HTML 1Page - List of Unclassifed Manufacturers B3845AM Datasheet HTML 2Page - List of Unclassifed Manufacturers B3845AM Datasheet HTML 3Page - List of Unclassifed Manufacturers B3845AM Datasheet HTML 4Page - List of Unclassifed Manufacturers B3845AM Datasheet HTML 5Page - List of Unclassifed Manufacturers B3845AM Datasheet HTML 6Page - List of Unclassifed Manufacturers B3845AM Datasheet HTML 7Page - List of Unclassifed Manufacturers B3845AM Datasheet HTML 8Page - List of Unclassifed Manufacturers B3845AM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B384X
Electrical Characteristics
(VCC = 15V;RT = 10Ω, CT = 3.3nF, TA=0 °C to +70°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
CURRENT SENSE SECTION
Gain
GV
(Note 1 & 2)
2.85
3
3.15
V/V
Maximum input Signal
VI(MAX)
V1 = 5V (Note 1)
0.9
1
1.1
V
Power Supply Rejection
Ratio
PSRR
12V
≤VCC≤25V
70
-
dB
Input Bias Current
IBIAS
-3
-10
µA
UNDER-VOLTAGE LOCKOUT SECTION
B3842/B3844
14.5
16
17.5
Start Threshold
VTH(ST)
B3843/B3845
7.8
8.4
9
V
B3842/B3844
8.5
10
11.5
Min-Operating Voltage
(after Turn On)
VOPR(MIN)
B3843/B3845
7.0
7.6
8.2
V
PWM SECTION
B3842/B3843
Max Duty Cycle
D(MAX)
B3844/B3845
95
47
97
48
100
50
%
Min Duty Cycle
D (MIN)
-
-
0
%
TOTAL STANDBY CURRENT
B3842A/43A/44A/45A
-
0.17
0.3
Start-Up Current
IST
B3842A1/43A1/44A1/45A1
0.45
1
mA
Operating Supply Current
ICC(OPR)
V3=V2=ON
-
14
17
mA
Zener Voltage
VZ
ICC
30
38
-
V
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com