Electronic Components Datasheet Search
  English  ▼

X  

AFBR-2310Z Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AFBR-2310Z
Description  Fiber-Optic Receiver for Multi GHz Analog Links
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFBR-2310Z Datasheet(HTML) 2 Page - Broadcom Corporation.

  AFBR-2310Z Datasheet HTML 1Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 2Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 3Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 4Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 5Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 6Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Broadcom
AV02-3183EN
2
AFBR-2310Z Data Sheet
Fiber-Optic Receiver for Multi GHz Analog Links
Table 1. Absolute Maximum Ratings
NOTE: Absolute maximum ratings are those values beyond which functional performance is not intended, device reliability
is not implied, and damage to the device may occur.
Table 2. Recommended Operating Conditions
NOTE: Typical operating conditions are those values for which functional performance and device reliability is implied.
Table 3. Electro-Optical Specifications
NOTE: All O/E parameters refer to 1310-nm and 1550-nm wavelength optical input signals.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Storage Temperature (non-operating)
Ts
–40
—
85
C
Operating Temperature
Ta
–40
—
85
C
Relative Humidity (non-condensing)
RH
—
—
85
%
RF amplifier/PIN supply voltage
0
—
5.0
V
Optical Input Power
Pin
—
—
7
dBm
RF Amplifier Output DC Voltage
Vout
—
—
5
V
ESD Capability (HBM)
VESDHBM
——
250
V
Flex Soldering Temperature
—
—
300
°C
For manual soldering, no longer
than 2 s/pad. It is advisable to
preheat the customer PCB.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Operating Temperature
Ta
0
—
85
°C
Relative Humidity (non-condensing)
RH
—
—
80
%
RF Amplifier Supply Voltage
Vcc
3.135
3.3
3.465
V
Parameter
Symbol
Conditions
Min.
Nom.
Max.
Units
Notes
RF Output Impedance
Ro
—
50
—
W
Gain Ripple
ΔG
0.2 to 5.5 GHz
—
4
—
dB
RF Conversion Gain
G
—
200
—
V/W
At 1 GHz
RF Amplifier Supply Current
Icc
T = 0°C to 85°C
16
—
40
mA
No light input
Input Referred Noise
T = 0°C to 85°C
—
10
—
pW/Hz
Wavelength rRange
λ
850
1310
1600
nm
Note a
a. The receiver is optimized for operation at 1310 nm and 1550 nm but may be used over a wide wavelength range ranging from 850 nm to
1600 nm, with reduced performance.
3 dB Bandwidth
—
7
—
GHz
Low Cutoff Frequency
—
40
—
MHz
Input Optical Power
—
—
2
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com