Electronic Components Datasheet Search
  English  ▼

X  

AD8109ASTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8109ASTZ
Description  8x8 Buffered Video Crosspoint Switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8109ASTZ Datasheet(HTML) 3 Page - Analog Devices

  AD8109ASTZ Datasheet HTML 1Page - Analog Devices AD8109ASTZ Datasheet HTML 2Page - Analog Devices AD8109ASTZ Datasheet HTML 3Page - Analog Devices AD8109ASTZ Datasheet HTML 4Page - Analog Devices AD8109ASTZ Datasheet HTML 5Page - Analog Devices AD8109ASTZ Datasheet HTML 6Page - Analog Devices AD8109ASTZ Datasheet HTML 7Page - Analog Devices AD8109ASTZ Datasheet HTML 8Page - Analog Devices AD8109ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
AD8108/AD8109
Rev. C | Page 3 of 27
SPECIFICATIONS
VS = ±5 V, TA = +25°C, RL = 1 kΩ, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Reference
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p, RL = 150 Ω
240/150
325/250
MHz
Figure 1, Figure 13
2 V p-p, RL = 150 Ω
140/160
MHz
Figure 1, Figure 13
Propagation Delay
2 V p-p, RL = 150 Ω
5
ns
Slew Rate
2 V Step, RL = 150 Ω
400/480
V/µs
Settling Time
0.1%, 2 V Step, RL = 150 Ω
40
ns
Figure 15, Figure 18
Gain Flatness
0.05 dB, 200 mV p-p, RL = 150 Ω
60/50
MHz
Figure 1, Figure 13
0.05 dB, 2 V p-p, RL = 150 Ω
60/50
MHz
Figure 1, Figure 13
0.1 dB, 200 mV p-p, RL = 150 Ω
70/65
MHz
Figure 1, Figure 13
0.1 dB, 2 V p-p, RL = 150 Ω
80/50
MHz
Figure 1, Figure 13
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL, RL = 1 kΩ
0.01
%
NTSC or PAL, RL = 150 Ω
0.02
%
Differential Phase Error
NTSC or PAL, RL = 1 kΩ
0.01
Degrees
NTSC or PAL, RL = 150 Ω
0.02
Degrees
Crosstalk, All Hostile
f = 5 MHz
−83/−85
dB
Figure 8, Figure 14
f = 10 MHz
−76/−83
dB
Figure 8, Figure 14
Off Isolation, Input-Output
f = 5 MHz, RL =150 Ω, one
channel
−98/−102
dB
Figure 23, Figure 29
Input Voltage Noise
0.01 MHz to 50 MHz
15
nV/√Hz
Figure 20, Figure 26
DC PERFORMANCE
Gain Error
RL = 1 kΩ
0.04/0.1
0.07/0.5
%
RL = 150 Ω
0.15/0.25
%
Gain Matching
No load, channel-channel
0.02/1.0
%
RL = 1 kΩ, channel-channel
0.09/1.0
%
Gain Temperature Coefficient
0.5/8
ppm/°C
OUTPUT CHARACTERISTICS
Output Impedance
DC, enabled
0.2
Ω
Figure 24, Figure 30
Disabled
10/0.001
MΩ
Figure 21, Figure 27
Output Disable Capacitance
Disabled
2
pF
Output Leakage Current
Disabled, AD8108 only
1/NA
µA
Output Voltage Range
No load
±2.5
±3
V
Output Current
20
40
mA
Short-Circuit Current
65
mA
INPUT CHARACTERISTICS
Input Offset Voltage
Worst case (all configurations)
5
20
mV
Figure 35, Figure 41
Temperature coefficient
12
µV/°C
Figure 36, Figure 42
Input Voltage Range
±2.5/±1.25
±3/±1.5
V
Input Capacitance
Any switch configuration
2.5
pF
Input Resistance
1
10
MΩ
Input Bias Current
Per output selected
2
5
µA
SWITCHING CHARACTERISTICS
Enable On Time
60
ns
Switching Time, 2 V Step
50% UPDATE to 1% settling
25
ns
Switching Transient (Glitch)
Measured at output
20/30
mV p-p
Figure 22, Figure 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com