Electronic Components Datasheet Search
  English  ▼

X  

AD8111ASTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8111ASTZ
Description  16x 8 Buffered Video Crosspoint Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8111ASTZ Datasheet(HTML) 1 Page - Analog Devices

  AD8111ASTZ Datasheet HTML 1Page - Analog Devices AD8111ASTZ Datasheet HTML 2Page - Analog Devices AD8111ASTZ Datasheet HTML 3Page - Analog Devices AD8111ASTZ Datasheet HTML 4Page - Analog Devices AD8111ASTZ Datasheet HTML 5Page - Analog Devices AD8111ASTZ Datasheet HTML 6Page - Analog Devices AD8111ASTZ Datasheet HTML 7Page - Analog Devices AD8111ASTZ Datasheet HTML 8Page - Analog Devices AD8111ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
a
AD8110/AD8111
260 MHz, 16
8 Buffered
Video Crosspoint Switches
FEATURES
16
8 High-Speed Nonblocking Switch Arrays
AD8110: G = +1
AD8111: G = +2
Serial or Parallel Switch Array Control
Serial Data Out Allows “Daisy Chaining” of Multiple
Crosspoints to Create Larger Switch Arrays
Pin-Compatible with AD8108/AD8109 8
8 Switch
Arrays
For a 16
16 Array See AD8116
Complete Solution
Buffered Inputs
Eight Output Amplifiers, AD8110 (G = +1),
AD8111 (G = +2)
Drives 150 V Loads
Excellent Video Performance
60 MHz 0.1 dB Gain Flatness
0.02% Differential Gain Error (RL = 150 V)
0.028 Differential Phase Error (RL = 150 V)
Excellent AC Performance
260 MHz –3 dB Bandwidth
500 V/ms Slew Rate
Low Power of 50 mA
Low All Hostile Crosstalk of –78 dB @ 5 MHz
Output Disable Allows Direct Connection of Multiple
Device Outputs
Reset Pin Allows Disabling of All Outputs (Connected
Through a Capacitor to Ground Provides “Power-
On” Reset Capability)
Excellent ESD Rating: Exceeds 4000 V Human Body
Model
80-Lead LQFP Package (12 mm
12 mm)
APPLICATIONS
Routing of High-Speed Signals Including:
Composite Video (NTSC, PAL, S, SECAM)
Component Video (YUV, RGB)
Compressed Video (MPEG, Wavelet)
3-Level Digital Video (HDB3)
FUNCTIONAL BLOCK DIAGRAM
AD8110/AD8111
SWITCH
MATRIX
OUTPUT
BUFFER
G = +1,
G = +2
40
40
128
40-BIT SHIFT REGISTER
WITH 5-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
8
5:16 DECODERS
8
CLK
DATA IN
UPDATE
CE
RESET
16 INPUTS
A0
DATA
OUT
8 OUTPUTS
SET INDIVIDUAL
OR RESET ALL
OUTPUTS
TO "OFF"
A1
A2
SER/PAR D0 D1 D2 D3 D4
PRODUCT DESCRIPTION
The AD8110 and AD8111 are high-speed 16
× 8 video cross-
point switch matrices. They offer a –3 dB signal bandwidth
greater than 260 MHz, and channel switch times of less than
25 ns with 1% settling. With –78 dB of crosstalk and –97 dB
isolation (@ 5 MHz), the AD8110/AD8111 are useful in many
high-speed applications. The differential gain and differential
phase of better than 0.02% and 0.02
° respectively, along with
0.1 dB flatness out to 60 MHz, make the AD8110/AD8111
ideal for video signal switching.
The AD8110 and AD8111 include eight independent output
buffers that can be placed into a high impedance state for paral-
leling crosspoint outputs so that off channels do not load the
output bus. The AD8110 has a gain of +1, while the AD8111
offers a gain of +2. They operate on voltage supplies of
±5 V
while consuming only 50 mA of idle current. The channel
switching is performed via a serial digital control (which can
accommodate “daisy chaining” of several devices) or via a parallel
control, allowing updating of an individual output without repro-
gramming the entire array.
The AD8110/AD8111 is packaged in an 80-lead LQFP package
and is available over the extended industrial temperature range
of –40
°C to +85°C.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD8111ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results

Similar Description - AD8111ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV.0
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
8x8 Buffered Video Crosspoint Switches
5/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com