Electronic Components Datasheet Search
  English  ▼

X  

AD8124 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8124
Description  Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8124 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8124 Datasheet HTML 7Page - Analog Devices AD8124 Datasheet HTML 8Page - Analog Devices AD8124 Datasheet HTML 9Page - Analog Devices AD8124 Datasheet HTML 10Page - Analog Devices AD8124 Datasheet HTML 11Page - Analog Devices AD8124 Datasheet HTML 12Page - Analog Devices AD8124 Datasheet HTML 13Page - Analog Devices AD8124 Datasheet HTML 14Page - Analog Devices AD8124 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
AD8124
Rev. A | Page 13 of 15
USING THE AD8124 WITH COAXIAL CABLE
The VPOLE control allows the AD8124 to be used with other
types of cable, including coaxial cable. Figure 17 presents the
recommended settings for VPEAK, VPOLE, and VGAIN when the
AD8124 is used with good quality 75 Ω video cable. Figure 23
shows how to derive VPOLE and VGAIN from VPEAK in a coaxial
cable application where VPEAK originates from a low-Z source.
20Ω
5.11kΩ
20kΩ
VPEAK
VPEAK
–5V
+5V
24.3kΩ
47.5kΩ
1.16kΩ
VGAIN ≈ 1.06 × VPEAK – 0.62V
VPOLE ≈ 0.76 × VPEAK – 0.41V
10kΩ
1.24kΩ
Figure 23. Deriving VPOLE and VGAIN from VPEAK with Low-Z Source for the Coaxial Cable
The op amp in the circuit that develops VGAIN is required to insert
the offset of −0.62 V with a gain from VPEAK to VGAIN that is close to
unity. A passive offset circuit requires an offset injection voltage
that is much larger in magnitude than the available −5 V supply.
Clearly, the VGAIN control voltage can also be developed
independently.
The AD8124 differential input can accept signals carried over
unbalanced cable, as shown in Figure 24, for an unbalanced
75 Ω coaxial cable termination.
75Ω
INPUT FROM
75Ω CABLE
AD8124
INPUT STAGE
Figure 24. Terminating a 75 Ω Cable
DRIVING 75 Ω VIDEO CABLE WITH THE AD8124
When the RGB outputs must drive a 75 Ω line rather than a
high impedance load, an additional gain of two is required to
make up for the double termination loss (75 Ω source and load
terminations). There are two options available for this.
One option is to place the additional gain of 2 at the drive end
by using the AD8148 triple differential driver to drive the cable.
The AD8148 has a fixed gain of 4 instead of the usual gain of 2
and thereby provides the required additional gain of 2 without
having to add additional amplifiers to the signal chain. The
AD8148 also contains sync-on-common-mode encoding. If
sync-on-common-mode is not required, it can be deactivated
on the AD8148 by connecting its sync level input to ground.
The other option is to include a triple gain-of-2 buffer, such as the
ADA4862-3, on the AD8124 RGB outputs, as shown in Figure 25
for one channel (power supplies not shown). The ADA4862-3
provides the gain of 2 that compensates for the double-
termination loss.
ONE VIDEO
OUTPUT
FROM AD8124
ONE CHANNEL OF ADA4862-3
75Ω
75Ω
500Ω
500Ω
Z0 = 75Ω
Figure 25. Using the ADA4862-3 on AD8124 Outputs
DRIVING A CAPACITIVE LOAD
When driving a high impedance capacitive input, it is necessary
to place a small series resistor between each of the three AD8124
video outputs and the load to buffer the input capacitance of the
device being driven. Clearly, the resistor value must be small
enough to preserve the required bandwidth.
POWER SUPPLY FILTERING
External power supply filtering between the system power supplies
and the AD8124 is recommended in most applications to prevent
supply noise from contaminating the received signal as well as
to prevent unwanted feedback through the supplies that may
cause instability. Figure 26 shows that the AD8124 power supply
rejection decreases with increasing frequency. These plots are
for the lowest control settings and shift upward as the peaking
is increased.
–60
–50
–40
–30
–20
–10
0
10
+PSRR
–PSRR
100k
1M
10M
100M
FREQUENCY (Hz)
VGAIN =0V
VPEAK =0V
VPOLE =0V
Figure 26. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com