Electronic Components Datasheet Search
  English  ▼

X  

CY29351AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29351AI
Description  2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29351AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29351AI Datasheet HTML 1Page - Cypress Semiconductor CY29351AI Datasheet HTML 2Page - Cypress Semiconductor CY29351AI Datasheet HTML 3Page - Cypress Semiconductor CY29351AI Datasheet HTML 4Page - Cypress Semiconductor CY29351AI Datasheet HTML 5Page - Cypress Semiconductor CY29351AI Datasheet HTML 6Page - Cypress Semiconductor CY29351AI Datasheet HTML 7Page - Cypress Semiconductor CY29351AI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY29351
Document #: 38-07475 Rev. *A
Page 2 of 8
Pin Definitions[1]
Pin
Name
I/O
Type
Description
8
PECL_CLK
I, PU
LVPECL
LVPECL reference clock input
9
PECL_CLK# I, PU/PD
LVPECL
LVPECL reference clock input. Weak pull-up to VDD/2.
30
TCLK
I, PD
LVCMOS LVCMOS/LVTTL reference clock input
28
QA
O
LVCMOS Clock output bank A
26
QB
O
LVCMOS Clock output bank B
22, 24
QC(1,0)
O
LVCMOS Clock output bank C
12, 14, 16,
18, 20
QD(4:0)
O
LVCMOS Clock output bank D
2
FB_IN
I, PD
LVCMOS Feedback clock input. Connect to an output for normal operation. This
input should be at the same voltage rail as input reference clock. See
Table 1.
10
OE#
I, PD
LVCMOS Output enable/disable input. See Table 2.
31
PLL_EN
I, PU
LVCMOS PLL enable/disable input. See Table 2.
32
REF_SEL
I, PD
LVCMOS Reference select input. See Table 2.
3, 4, 5, 6
SEL(A:D)
I, PD
LVCMOS Frequency select input, Bank (A:D). See Table 2.
27
VDDQB
Supply
VDD
2.5V or 3.3V Power supply for bank B output clock[2,3]
23
VDDQC
Supply
VDD
2.5V or 3.3V Power supply for bank C output clocks[2,3]
15, 19
VDDQD
Supply
VDD
2.5V or 3.3V Power supply for bank D output clocks[2,3]
1
AVDD
Supply
VDD
2.5V or 3.3V Power supply for PLL[2,3]
11
VDD
Supply
VDD
2.5V or 3.3V Power supply for core, inputs, and bank A output
clock[2,3]
7
AVSS
Supply
Ground
Analog ground
13, 17, 21,
25, 29
VSS
Supply
Ground
Common ground
Table 1. Frequency Table
Feedback Output Divider
VCO
Input Frequency Range
(AVDD = 3.3V)
Input Frequency Range
(AVDD = 2.5V)
÷2
Input Clock * 2
100 MHz to 200 MHz
100 MHz to 190MHz
÷4
Input Clock * 4
50 MHz to 125 MHz
50 MHz to 95MHz
÷8
Input Clock * 8
25 MHz to 62.5 MHz
25 MHz to 47.5MHz
Table 2. Function Table
Control
Default
0
1
REF_SEL
0
PCLK
TCLK
PLL_EN
1
Bypass mode, PLL disabled. The input
clock connects to the output dividers
PLL enabled. The VCO output connects to the
output dividers
OE#
0
Outputs enabled
Outputs disabled (three-state), VCO running at
its minimum frequency
SELA
0
÷ 2 (Bank A)
÷ 4 (Bank A )
SELB
0
÷ 4 (Bank B)
÷ 8 (Bank B)
SELC
0
÷ 4 (Bank C)
÷ 8 (Bank C)
SELD
0
÷ 4 (Bank D)
÷ 8 (Bank D)
Notes:
1.
PU = Internal pull-up, PD = Internal pull-down.
2.
A 0.1-
µF bypass capacitor should be placed as close as possible to each positive power pin (<0.2”). If these bypass capacitors are not close to the pins their
high-frequency filtering characteristics will be cancelled by the lead inductance of the traces.
3.
AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQB, VDDQC, and VDDQD power supply pins.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com