Electronic Components Datasheet Search
  English  ▼

X  

DB152G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DB152G
Description  Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DB152G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DB152G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DB152G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 632 -
.404(10.3)
.386(9.80)
.255(6.5)
.245(6.2)
.013(0.33)
.0088(0.22)
.013(0.33)
.003(0.076)
.060(1.53)
.040(1.02)
.205(5.2)
.195(5.0)
.047(1.20)
.040(1.02)
.335(8.51)
.320(8.13)
0
45
.130(3.30)
.120(3.05)
DB151G THRU DB157G
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.5 Amperes
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High surge current capability
High temperature soldering guaranteed:
260
℃ / 10 seconds at 5 lbs., ( 2.3 kg )
tension
Small size, simple installation
Leads solderable per MIL-STD-202
Method 208
DB
DBS
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DB
151G
DB
152G
DB
153G
DB
154G
DB
155G
DB
156G
DB
157G
Type Number
Symbol
DBS
151G
DBS
152G
DBS
153G
DBS
154G
DBS
155G
DBS
156G
DBS
157G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TA = 40
℃
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.1
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
10
500
uA
uA
Typical Thermal Resistance (Note)
R
θJA
R
θJL
40
15
℃/w
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note: Thermal resistance from Junction to Ambient and from Junction to Lead Mounted on
P.C.B. with 0.4” x 0.4” (10mm x 10mm) Copper Pads.


Similar Part No. - DB152G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
DB152G TAITRON-DB152G Datasheet
184Kb / 4P
1.5A Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
DB152G LUGUANG-DB152G Datasheet
217Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
America Semiconductor, ...
DB152G AMERICASEMI-DB152G Datasheet
406Kb / 2P
BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
DB152G GENESIC-DB152G Datasheet
329Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
DB152G GENESIC-DB152G Datasheet
602Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results

Similar Description - DB152G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
W005MG JGD-W005MG Datasheet
124Kb / 2P
MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
D2SB05 TSC-D2SB05 Datasheet
44Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DBL151G TSC-DBL151G Datasheet
59Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
HDBL151G TSC-HDBL151G Datasheet
54Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005GM TSC-W005GM Datasheet
68Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBP151G TSC-KBP151G Datasheet
54Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_1 Datasheet
212Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005G TSC-W005G Datasheet
73Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_10 Datasheet
451Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com