Electronic Components Datasheet Search
  English  ▼

X  

DS3628 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3628
Description  Octal TRI-STATE MOS Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3628 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3628 Datasheet HTML 1Page - National Semiconductor (TI) DS3628 Datasheet HTML 2Page - National Semiconductor (TI) DS3628 Datasheet HTML 3Page - National Semiconductor (TI) DS3628 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
70V
Logical ‘‘1’’ Input Voltage
70V
Logical ‘‘0’’ Input Voltage
b
15V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1667 mW
Molded Package
1832 mW
Lead Temperature (Soldering 10 seconds)
300 C
Derate cavity package 111 mW C above 25 C derate molded package
147 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply voltage (VCC)
45
55
V
Temperature (TA)
DS1628
b
55
a
125
C
DS3628
0
a
70
C
Electrical Characteristics (Notes 2 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN(1)
Logical ‘‘1’’ Input Voltage
20
V
VIN(0)
Logical ‘‘0’’ Input Voltage
08
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 55V VIN e 55V
01
40
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 55V VIN e 55V
b
180
b
400
m
A
VCLAMP
Input Clamp Voltage
VCC e 45V IIN eb18 mA
b
07
b
12
V
VOH
Logical ‘‘1’’ Output Voltage
VCC e 45V IOH eb10 mA
DS1628
34
43
V
(No Load)
DS3628
35
43
V
VOL
Logical ‘‘0’’ Output Voltage
VCC e 45V IOL e 10 mA
DS1628
025
04
V
(No Load)
DS3628
025
035
V
VOH
Logical ‘‘1’’ Output Voltage
VCC e 45V IOH eb10 mA
DS1628
25
39
V
(With Load)
DS3628
27
39
V
VOL
Logical ‘‘0’’ Output Voltage
VCC e 45V IOL e 20 mA
DS1628DS3628
035
05
V
(With Load)
IID
Logical ‘‘1’’ Drive Current
VCC e 45V VOUT e 0V (Note 6)
b
150
mA
IOD
Logical ‘‘0’’ Drive Current
VCC e 45V VOUT e 45V (Note 6)
150
mA
Hi-Z
TRI-STATE Output Current
VOUT e 04V to 24V DIS1 or DIS2 e 20V
b
40
01
40
m
A
ICC
Power Supply Current
VCC e 55V
One DIS Input e 30V
90
120
mA
All Other Inputs e X Outputs at Hi-Z
DIS1 DIS2 e 0V Others e 3V
70
100
mA
Outputs on
All Inputs e 0V Outputs Off
25
50
mA
Switching Characteristics (VCC e 5V TA e 25 C) (Note 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tSab
Storage Delay Negative Edge
(
Figure 1 )CL e 50 pF
40
50
ns
CL e 500 pF
65
80
tSba
Storage Delay Positive Edge
(
Figure 1 )CL e 50 pF
42
50
ns
CL e 500 pF
65
80
tF
Fall Time
(
Figure 1 )CL e 50 pF
42
60
ns
CL e 500 pF
19
22
tR
Rise Time
(
Figure 1 )CL e 50 pF
52
70
ns
CL e 500 pF
20
24
tZL
Delay from Disable Input to Logical ‘‘0’’
CL e 50 pF
RL e 2kX to VCC
19
25
ns
Level (from High Impedance State)
to GND
(
Figure 2 )
tZH
Delay from Disable Input to Logical ‘‘1’’
CL e 50 pF
RL e 2kX to GND
13
20
ns
Level (from High Impedance State)
to GND
(
Figure 2 )
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com