Electronic Components Datasheet Search
  English  ▼

X  

DS21458 Datasheet(PDF) 79 Page - Dallas Semiconductor

Part # DS21458
Description  Quad T1/E1/J1 Transceivers
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21458 Datasheet(HTML) 79 Page - Dallas Semiconductor

Back Button DS21458 Datasheet HTML 75Page - Dallas Semiconductor DS21458 Datasheet HTML 76Page - Dallas Semiconductor DS21458 Datasheet HTML 77Page - Dallas Semiconductor DS21458 Datasheet HTML 78Page - Dallas Semiconductor DS21458 Datasheet HTML 79Page - Dallas Semiconductor DS21458 Datasheet HTML 80Page - Dallas Semiconductor DS21458 Datasheet HTML 81Page - Dallas Semiconductor DS21458 Datasheet HTML 82Page - Dallas Semiconductor DS21458 Datasheet HTML 83Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 270 page
background image
DS21455/DS21458 Quad T1/E1/J1 Transceivers
79 of 270
Register Name:
IOCR2
Register Description:
I/O Configuration Register 2
Register Address:
02h
Bit #
7
6
5
4
3
2
1
0
Name
RCLKINV
TCLKINV
RSYNCINV
TSYNCINV
TSSYNCINV
H100EN
TSCLKM
RSCLKM
Default
0
0
0
0
0
0
0
0
Bit 0/RSYSCLK Mode Select (RSCLKM).
0 = if RSYSCLK is 1.544MHz
1 = if RSYSCLK is 2.048MHz or IBO enabled (See the Interleaved PCM Bus Operation section.)
Bit 1/TSYSCLK Mode Select (TSCLKM).
0 = if TSYSCLK is 1.544MHz
1 = if TSYSCLK is 2.048/4.096/8.192MHz or IBO enabled (See the Interleaved PCM Bus Operation section.)
Bit 2/H.100 SYNC Mode (H100EN).
0 = normal operation
1 = SYNC shift
Bit 3/TSSYNC Invert (TSSYNCINV).
0 = no inversion
1 = invert
Bit 4/TSYNC Invert (TSYNCINV).
0 = no inversion
1 = invert
Bit 5/RSYNC Invert (RSYNCINV).
0 = no inversion
1 = invert
Bit 6/TCLK Invert (TCLKINV).
0 = no inversion
1 = invert
Bit 7/RCLK Invert (RCLKINV).
0 = no inversion
1 = invert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com