Electronic Components Datasheet Search
  English  ▼

X  

DS92001TLD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92001TLD
Description  3.3V B/LVDS-BLVDS Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92001TLD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS92001TLD Datasheet HTML 1Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 2Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 3Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 4Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 5Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 6Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 7Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 8Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS92001
3.3V B/LVDS-BLVDS Buffer
General Description
The DS92001 B/LVDS-BLVDS Buffer takes a BLVDS input
signal and provides an BLVDS output signal. In many large
systems, signals are distributed across backplanes, and one
of the limiting factors for system speed is the ’stub length’ or
the distance between the transmission line and the untermi-
nated receivers on individual cards. Although it is generally
recognized that this distance should be as short as possible
to maximize system performance, real-world packaging con-
cerns often make it difficult to make the stubs as short as the
designer would like.
The DS92001 has edge transitions optimized for multidrop
backplanes where the switching frequency is in the 200 MHz
range or less. The output edge rate is critical in some sys-
tems where long stubs may be present, and utilizing a slow
transition allows for longer stub lengths.
The DS92001, available in the LLP (Leadless Leadframe
Package) package, will allow the receiver inputs to be placed
very close to the main transmission line, thus improving
system performance.
A wide input dynamic range allows the DS92001 to receive
differential signals from LVPECL as well as LVDS sources.
This will allow the device to also fill the role of an LVPECL-
BLVDS translator.
The LOS pin detects a non-driven B/LVDS bus state at the
input and provides an active LOW output. The LOS pin can
be tied to the device’s output enable pin (EN) to generate a
TRI-STATE output state when the input is un-driven. The
LOS pin can also be used locally to inform the system of the
bus state.
Features
n
Single +3.3 V Supply
n
B/LVDS receiver inputs accept LVPECL signals
n
TRI-STATE outputs
n
Loss of Signal (LOS) pin detects a non-driven bus
n
Receiver input threshold < ±100 mV
n
Fast propagation delay of 1.4 ns (typ)
n
Low jitter 400 Mbps fully differential data path
n
Compatible with BLVDS 10-bit SerDes (40MHz)
n
Compatible with ANSI/TIA/EIA-644-A LVDS standard
n
Available in SOIC and space saving LLP package
n
Industrial Temperature Range
Connection and Block Diagrams
SOIC - Top View
20024705
LLP - Top View
20024743
DAP (GND) Pad Not Shown
20024702
Functional Operation
BLVDS Inputs
BLVDS Outputs
[IN+] − [IN−]
OUT+
OUT−
VID
≥ 0.1V
H
L
VID
≤ −0.1V
L
H
Full Fail-safe
OPEN/SHORTor Terminated
HL
Ordering Information
Order Number
NS Pkg. No.
Pkg. Type
DS92001TM
M08A
SOIC
DS92001TLD
LDA08A
LLP
June 2002
© 2002 National Semiconductor Corporation
DS200247
www.national.com


Similar Part No. - DS92001TLD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92001TLD NSC-DS92001TLD Datasheet
642Kb / 12P
3.3V B/LVDS-BLVDS Buffer
logo
Texas Instruments
DS92001TLD TI-DS92001TLD Datasheet
897Kb / 17P
DS92001 3.3V B/LVDS-BLVDS Buffer
DS92001TLD/NOPB TI-DS92001TLD/NOPB Datasheet
897Kb / 17P
DS92001 3.3V B/LVDS-BLVDS Buffer
DS92001TLD/NOPB TI2-DS92001TLD/NOPB Datasheet
601Kb / 20P
DS92001 3.3V B/LVDS-BLVDS Buffer
REVISED APRIL 2013
DS92001TLD/NOPB.A TI2-DS92001TLD/NOPB.A Datasheet
601Kb / 20P
DS92001 3.3V B/LVDS-BLVDS Buffer
REVISED APRIL 2013
More results

Similar Description - DS92001TLD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
3.3V LVDS-LVDS Buffer
DS92001 NSC-DS92001_06 Datasheet
642Kb / 12P
3.3V B/LVDS-BLVDS Buffer
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_06 Datasheet
97Kb / 2P
3.3V LVDS Oscillator
logo
Texas Instruments
DS92001 TI-DS92001 Datasheet
897Kb / 17P
DS92001 3.3V B/LVDS-BLVDS Buffer
logo
Micrel Semiconductor
SY75576L MICREL-SY75576L Datasheet
682Kb / 11P
267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_16 Datasheet
153Kb / 2P
3.3V LVDS Oscillator
logo
Texas Instruments
DS92CK16 TI1-DS92CK16_14 Datasheet
919Kb / 17P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Microchip Technology
SY75572L MICROCHIP-SY75572L Datasheet
3Mb / 20P
267 MHz 1:2 3.3V HCSL/LVDS Fanout Buffer
Revision A (March 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com