Electronic Components Datasheet Search
  English  ▼

X  

EMF6 Datasheet(PDF) 2 Page - Rohm

Part # EMF6
Description  Power management (dual transistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMF6 Datasheet(HTML) 2 Page - Rohm

  EMF6 Datasheet HTML 1Page - Rohm EMF6 Datasheet HTML 2Page - Rohm EMF6 Datasheet HTML 3Page - Rohm EMF6 Datasheet HTML 4Page - Rohm EMF6 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMF6
Transistors
2/5
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Tr1
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
−15
−12
−6
−500
150(TOTAL)
150
−55~+150
−1.0
∗1
∗2
Unit
V
V
V
mA
A
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
∗1 Single pulse PW=1ms
∗2 120mW per element must not be exceeded. Each terminal mounted on a recommended land.
Tr2
Parameter
∗1 PW≤10ms Duty cycle≤50%
∗2 120mW per element must not be exceeded. Each terminal mounted on a recommended land.
Symbol
VDSS
VGSS
ID
IDRP
PD
Tch
Tstg
Limits
30
±20
100
200
150(TOTAL)
150
−55~+150
∗1
∗1
∗2
Unit
V
V
mA
IDP
200
mA
mA
IDR
100
mA
mW
°C
°C
Drain-source voltage
Gate-source voltage
Drain current
Reverse drain
current
Total power dissipation
Channel temperature
Range of storage temperature
Continuous
Continuous
Pulsed
Pulsed
!
!
!
!
Electrical characteristics (Ta=25
°C)
Tr1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=−10V, IE=0mA, f=1MHz
Transition frequency
fT
−
260
−
MHz
VCE
=−2V, IE=10mA, f=100MHz
BVCEO
−12
−−
V
IC
=−1mA
Collector-emitter breakdown voltage
BVCBO
−15
−−
V
IC
=−10µA
Collector-base breakdown voltage
BVEBO
−6
−−
V
IE
=−10µA
Emitter-base breakdown voltage
ICBO
−−
−100
nA
VCB
=−15V
Collector cut-off current
IEBO
−−
−100
nA
VEB
=−6V
Emitter cut-off current
VCE(sat)
−−100
−250
mV
IC
=−200mA, IB=−10mA
Collector-emitter saturation voltage
hFE
270
−
680
−
VCE
=−2V, IC=−10mA
DC current gain
Cob
−
6.5
−
pF
Collector output capacitance
Tr2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input capacitance
Ciss
−
13
−
pF
VDS
=5V, VGS=0V, f=1MHz
IGSS
−−
±1
µA
VGS
=±20V, VDS=0V
Gate-source leakage
V(BR)DSS
30
−−
V
ID
=10µA, VGS=0V
IDSS
−−
1.0
µA
VDS
=30V, VGS=0V
Zero gate voltage drain current
Drain-source breakdown voltage
VGS(th)
0.8
−
1.5
VVDS
=3V, ID=100µA
Gate-threshold voltage
RDS(on)
−
58
Ω
ID
=10mA, VGS=4V
−
713
Ω
ID
=1mA, VGS=2.5V
Static drain-source
on-state resistance
Coss
−
9
−
pF
Output capacitance
|Yfs|
20
−−
ms
VDS
=3V, ID=10mA
Forward transfer admittance
Crss
−
4
−
pF
Reverce transfer capacitance
Rise time
tr
−
35
−
ns
td(off)
−
80
−
ns
Turn-off delay time
td(on)
−
15
−
ns
ID
=10mA, VDD 5V,
VGS
=5V, RL=500Ω,
RGS
=10Ω
Turn-on delay time
tf
−
80
−
ns
Fall time



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com