Electronic Components Datasheet Search
  English  ▼

X  

VCXO Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # VCXO
Description  3.3V Complementary LVDS VCXO here
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

VCXO Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  VCXO Datasheet HTML 1Page - Golledge Electronics Ltd VCXO Datasheet HTML 2Page - Golledge Electronics Ltd VCXO Datasheet HTML 3Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Custom VCXO 1/3
v1.0
Custom VCXO
Custom VCXO
Specify your custom Golledge VCXO
Specify your custom Golledge VCXO
here
here
Can't find the VCXO you need within our listed
range?
Submit your requirements here
Whether you need part matching or custom
specifications
Our expert team will quickly be in contact to help
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency Pullability
Frequency Stability
Package
Supply Voltage
Operating Temperature Range
Required Quantity


Similar Part No. - VCXO

ManufacturerPart #DatasheetDescription
logo
TEMEX
VCXO TEMEX-VCXO Datasheet
523Kb / 5P
Space VCXO - Voltage Controlled Crystal Oscillator Flat Pack, General Specification (rev1)
logo
STATEK CORPORATION
VCXO STATEK-VCXO Datasheet
257Kb / 2P
Miniature Surface Mount Voltage-Controlled Crystal Oscillator
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
VCXO
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
VCXO
logo
Vectron International, ...
VCXO-2000-AEA-G VECTRON-VCXO-2000-AEA-G Datasheet
272Kb / 4P
Voltage Controlled Crystal Oscillator
More results

Similar Description - VCXO

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO54 GOLLEDGE-GVXO54 Datasheet
62Kb / 1P
3.3V VCXO Complementary LV-PECL
logo
Fox Electronics
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
LVDS 7 x 5mm 3.3V VCXO
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
LVDS 5 x 3.2mm 3.3V VCXO
logo
EUROQUARTZ limited
EQVP-LC53 EUROQUARTZ-EQVP-LC53 Datasheet
165Kb / 1P
LVDS 5x3.2mm 3.3V VCXO
EQVP-LC73 EUROQUARTZ-EQVP-LC73 Datasheet
166Kb / 1P
LVDS 7x5mm 3.3V VCXO
logo
Golledge Electronics Lt...
GVXO-34 GOLLEDGE-GVXO-34_15 Datasheet
126Kb / 1P
3.3V & 5V VCXO - Complementary PECL
GVXO-54 GOLLEDGE-GVXO-54_16 Datasheet
183Kb / 2P
3.3V VCXO Complementary LV-PECL
logo
Pericom Semiconductor C...
LR-3.3V PERICOM-LR-3.3V Datasheet
273Kb / 4P
3.3V LVDS High Frequency VCXO
logo
Golledge Electronics Lt...
GVXO-34L GOLLEDGE-GVXO-34L Datasheet
572Kb / 4P
3.3V VCXO - Complementary LV-PECL Output
GVXO-L33L GOLLEDGE-GVXO-L33L Datasheet
597Kb / 5P
3.3V Complementary LVDS VCXO with Low Phase Jitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com