Electronic Components Datasheet Search
  English  ▼

X  

SW-314 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-314
Description  Integral TTL Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-314 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-314 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-314 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-314 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP4T Absorptive Switch,
DC - 3 GHz
V 5
Features
• Integral TTL Driver
• Isolation: 50 dB Typ. At 1 GHz
• Ultra Low DC Power Consumption
• Hermetic Surface Mount Package
• 50 Ohms Nominal Impedance
• MIL-STD-883 Screening Available
Description
M/A-COM’s SW-314 is a GaAs MMIC SP4T
absorptive switch with an integral silicon ASIC
driver. This device is in a 24-lead ceramic surface
mount package. These switches exhibit excellent
performance from DC to 3 GHz, with very low DC
power dissipation. The SW-314 is ideally suited for
RF/IF communications applications. Environmental
screening is available.
Contact the factory for
information.
Functional Schematic
PIN 13 C3
C4
GND
GND
GND
RF3
GND
GND
C1
Vcc
Vee
GND
RF2
GND
C2 PIN 12
GND
RF1
GND
GND
RFC PIN 1
RF4
GND
GND
PIN 24 GND
Ordering Information
Part Number
Package
SW-314
CR-14
SW-314-TB
Unit Mounted on Test Board
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574200, Fax+44 (1908) 574300
1
Absolute Maximum Ratings 1,2
1. Operation of this device above any one of these
parameters may cause permanent damage.
2. When the input power is applied to the terminated port, the
absolute maximum is +30 dBm.
3. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5 - 3.0 GHz 2
+27 dBm
+34 dBm
Bias Voltages
Vcc
Vee
-0.5 to +5.5V
-8.5V to +0.5V
Control Voltage 3
-0.5V, to Vcc +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Truth Table
TTL Control Inputs
Condition of Switch
C1
C2
C3
C4
RF1
RF2
RF3
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
RF Common to Each RF Port
0 = TTL Low
1 = TTL High


Similar Part No. - SW-314

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW-314-TB MACOM-SW-314-TB Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
More results

Similar Description - SW-314

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75361 NSC-DS75361 Datasheet
142Kb / 6P
Dual TTL-to-MOS Driver
DS75365 NSC-DS75365 Datasheet
186Kb / 8P
Quad TTL-to-MOS Driver
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
logo
List of Unclassifed Man...
745-0007 ETC1-745-0007 Datasheet
280Kb / 3P
HEXADECIMAL DISPLAY WITH INTEGRAL TTL MSI CIRCUIT CHIP
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
1:9 TTL Clock Driver
February, 2006 ??Rev. 6
logo
API Technologies Corp
TAD6005 APITECH-TAD6005 Datasheet
194Kb / 1P
5 Bit Digital Attenuator Integral TTL Driver
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
TTL Clock Driver
April, 2015 ??Rev. 7
logo
National Semiconductor ...
NSM4000 NSC-NSM4000 Datasheet
86Kb / 1P
NUMERIC DISPLAYS WITH INTEGRAL DRIVER
logo
List of Unclassifed Man...
B100XXL ETC-B100XXL Datasheet
405Kb / 11P
LED displays with integral driver
Ver 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com