Electronic Components Datasheet Search
  English  ▼

X  

AIC-43C97 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AIC-43C97
Description  Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIC-43C97 Datasheet(HTML) 2 Page - STMicroelectronics

  AIC-43C97 Datasheet HTML 1Page - STMicroelectronics AIC-43C97 Datasheet HTML 2Page - STMicroelectronics AIC-43C97 Datasheet HTML 3Page - STMicroelectronics AIC-43C97 Datasheet HTML 4Page - STMicroelectronics AIC-43C97 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AIC-43C97
2/5
6
Other Features
■ 144-pin TQFP package
■ End-to-end parity protection on data path
■ 5V Single-ended SCSI I/O support with dedicated 5V supply
■ 5V tolerant 3.3V I/O on non-SCSI pins
■ 0.35µ 3.3V CMOS
7
Introduction
The AIC-43C97C is an automated, high-performance, integrated, SCSI protocol controller designed for
SCSI-2/SCSI-3 embedded peripheral applications. The AIC-43C97C provides the necessary support for
interfacing the SCSI bus to a peripheral using a DMA bus. It consists of three main blocks: SCSI Bus In-
terface, Buffer Controller and associated embedded 8 Kbyte FIFO RAM, and DMA Interface. Automation
within this device enables a more efficient SCSI operation, thus minimizing microprocessor involvement.
The AIC-43C97C Ultra-2 SCSI Protocol chip supports the Low Voltage Differential (LVD) feature required
to enable connectivity to the Ultra-2 80 MB/s bus. The AIC-43C97C also maintains backward compatibility
to single-ended operation by detecting signal variance on the SCSI bus and automatically defaulting to the
proper SCSI bus characteristic of single ended or Low Voltage Differential.
An embedded 960 MHz Phase Locked Loop Frequency Synthesizer provides high resolution on selection
of SCLK and BCLK frequencies for the SCSI bus.
The AIC-43C97C supports both Initiator and Target modes. As a Target, the SCSI sequencer handles
SCSI commands with as few as 0 interrupts to the microprocessor. In the case of Auto Matched Read or
Write operation, 0 interrupts may be generated requiring no additional processing time. The sequencer
can be custom programmed to handle most tasks to achieve maximum performance. The AIC-43C97C
also has automated support for SCAM Level 1 and SCAM Level 2.
The AIC-43C97C has incorporated three DMA modes: an ATA mode which runs in Master and Slave
Modes and sustains DMA transfers to 40 MB/s in 16-bit mode, a SCSI mode which runs in asynchronous
and synchronous initiator modes up to 100 MB/s, and a Generic DMA mode that sustains DMA transfers
up to 40 MB/s in 16-bit mode.
Figure 2. AIC-43C97C Block Diagram
Ultra-2 SCSI
Host (SCSI)
Host Interface
DMA
“HIF”
MPU
DMACLK/2
REFCLK
Bus
SLCLK
MPU
Interface
“MPIF”
Buffer
Manager
“BUFMAN”
DMA
Interface
“DIF”
Frequency
Synthesizer
“FSYN”
Buffer
RAM
“BUFRAM”
DMACLK
Bus
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com