Electronic Components Datasheet Search
  English  ▼

X  

ADL5202 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5202
Description  Wide Dynamic Range, High Speed Digitally Controlled VGA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5202 Datasheet HTML 16Page - Analog Devices ADL5202 Datasheet HTML 17Page - Analog Devices ADL5202 Datasheet HTML 18Page - Analog Devices ADL5202 Datasheet HTML 19Page - Analog Devices ADL5202 Datasheet HTML 20Page - Analog Devices ADL5202 Datasheet HTML 21Page - Analog Devices ADL5202 Datasheet HTML 22Page - Analog Devices ADL5202 Datasheet HTML 23Page - Analog Devices ADL5202 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ADL5202
Data Sheet
Rev. D | Page 20 of 29
50Ω
AC
1:3
75Ω
75Ω
1.0µH
5V
1.0µH
5V
VREF
VREF
33Ω
33Ω
4pF
5V
0.1µF
0.1µF
0.1µF
0.1µF
DIGITAL
INTERFACE
1/2
ADL5202
AD9268
56nH
56nH
Figure 55. Wideband ADC Interfacing Example Featuring One-Half of the ADL5202 and the AD9268
Figure 55 shows one-half of the ADL5202 driving a two-pole,
100 MHz low-pass filter into the AD9268. The AD9268 is
a 16-bit, 125 MSPS analog-to-digital converter with a buffered
wideband input, which presents a 6 kΩ differential input impe-
dance and requires between a 1 V or 2 V input swing to reach
full scale. This example uses the 2 V p-p input. For optimum
performance, the ADL5202 should be driven differentially,
using an impedance transformer or input balun.
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
Figure 56. Measured Frequency Response of Wideband
ADC Interface, as Depicted in Figure 55
Figure 55 uses a 1:3 impedance transformer to provide the 150 Ω
input impedance of the ADL5202 with a matched input. The
outputs of the ADL5202 are biased through the two 1 μH
inductors, and the two 0.1 μf capacitors on the outputs decouple
the 5 V inductor voltage from the input common-mode voltage of
the AD9268. The two 75 Ω resistors provide the 150 Ω load to the
ADL5202 whose gain is load dependent. The 56 nH inductors
and 4 pF capacitor constitute the (100 MHz – 1 dB) low-pass
filter. The two 33 Ω isolation resistors suppress any switching
currents from the ADC input sample-and-hold circuitry. The
circuit depicted in Figure 55 provides variable gain, isolation,
filtering, and source matching for the AD9268. Using this circuit
with the ADL5202 in a gain of 20 dB (maximum gain), an SNR
of 69 dB, and an SFDR performance of >86 dBc is achieved at
100 MHz, as shown in Figure 57.
0
–15
–30
–45
–60
–75
–90
–105
–120
–150
–135
0
6
12
18
24
30
36
42
48
54
60
FREQUENCY (MHz)
SNR = 69dB
SFDR = 86dBc
NOISE FLOOR = –108dB
FUND = –1.035dBFS
SECOND = –89.17dBc
5
4
+
6
3
2
Figure 57. Measured Single-Tone Performance of the
Circuit in Figure 55 for a 100 MHz Input Signal
0
6
12
18
24
30
36
42
48
54
60
FREQUENCY (MHz)
FUNDAMENTAL1 = –7.127dBFS
FUNDAMENTAL2 = –7.039dBFS
2F1 – F2 = –91.818dBc
2F2 – F1 = –87.083dBc
NOISE FLOOR = –109.57dB
0
–15
–30
–45
–60
–75
–90
–105
–120
–150
–135
2F1 + F2
2F1 – F2
2F2 – F1
F2 – F1
+
F1 + F2
2F2 + F1
Figure 58. Measured Two-Tone Performance of the
Circuit in Figure 55 for a 100 MHz Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com