Electronic Components Datasheet Search
  English  ▼

X  

AOZ1073 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ1073
Description  EZBuck 3A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1073 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ1073 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev. 1.1 September 2008
www.aosmd.com
Page 3 of 15
AOZ1073
Block Diagram
Absolute Maximum Ratings
Exceeding the Absolute Maximum Ratings may damage the
device.
Note:
1. Devices are inherently ESD sensitive, handling precautions are
required. Human body model rating: 1.5k
Ω in series with 100pF.
Recommend Operating Ratings
The device is not guaranteed to operate beyond the Maximum
Operating Ratings.
Note:
2. The value of
Θ
JA is measured with the device mounted on 1-in
2
FR-4 board with 2oz. Copper, in a still air environment with
TA = 25°C. The value in any given application depends on the
user's specific board design.
500kHz/68kHz
Oscillator
AGND
PGND
VIN
EN
FB
COMP
LX
OTP
Internal
+5V
ILimit
PWM
Control
Logic
5V LDO
Regulator
UVLO
& POR
Softstart
Reference
& Bias
0.8V
Q1
Q2
PWM
Comp
Level
Shifter
+
FET
Driver
ISen
EAmp
0.2V
+
–
+
–
+
–
+
–
+
Frequency
Foldback
Comparator
0.96V
+
–
OVP
Comparator
Parameter
Rating
Supply Voltage (VIN)
18V
LX to AGND
-0.7V to VIN+0.3V
EN to AGND
-0.3V to VIN+0.3V
FB to AGND
-0.3V to 6V
COMP to AGND
-0.3V to 6V
PGND to AGND
-0.3V to 0.3V
Junction Temperature (TJ)
+150°C
Storage Temperature (TS)
-65°C to +150°C
ESD Rating(1)
2.0kV
Parameter
Rating
Supply Voltage (VIN)
4.5V to 16V
Output Voltage Range
0.8V to VIN
Ambient Temperature (TA)
-40°C to +85°C
Package Thermal Resistance (
Θ
JA)
(2)
SO-8
87°C/W
Package Thermal Resistance (
Θ
JC)
SO-8
30°C/W
Package Power Dissipation (PD)
@ 25°C Ambient
SO-8
1.15W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com