Electronic Components Datasheet Search
  English  ▼

X  

LM5105 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5105
Description  100V Half Bridge Gate Driver with Programmable Dead-time
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5105 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM5105 Datasheet HTML 4Page - National Semiconductor (TI) LM5105 Datasheet HTML 5Page - National Semiconductor (TI) LM5105 Datasheet HTML 6Page - National Semiconductor (TI) LM5105 Datasheet HTML 7Page - National Semiconductor (TI) LM5105 Datasheet HTML 8Page - National Semiconductor (TI) LM5105 Datasheet HTML 9Page - National Semiconductor (TI) LM5105 Datasheet HTML 10Page - National Semiconductor (TI) LM5105 Datasheet HTML 11Page - National Semiconductor (TI) LM5105 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Timing Diagrams
Operational Notes
The LM5105 is a single PWM input Gate Driver with Enable
that offers a programmable deadtime. The deadtime is set
with a resistor at the RDT pin and can be adjusted from
100ns to 600ns. The wide deadtime programming range
provides the flexibility to optimize drive signal timing for a
wide range of MOSFETS and applications.
The RDT pin is biased at 3V and current limited to 1 mA
maximum programming current. The time delay generator
will accommodate resistor values from 5k to 100k with a
deadtime time that is proportional to the RDT resistance.
Grounding the RDT pin programs the LM5105 to drive both
outputs with minimum deadtime.
STARTUP AND UVLO
Both top and bottom drivers include under-voltage lockout
(UVLO) protection circuitry which monitors the supply volt-
age (V
DD) and bootstrap capacitor voltage (HB – HS) inde-
pendently. The UVLO circuit inhibits each driver until suffi-
cient supply voltage is available to turn-on the external
MOSFETs, and the UVLO hysteresis prevents chattering
during supply voltage transitions. When the supply voltage is
applied to the V
DD pin of LM5105, the top and bottom gates
are held low until V
DD exceeds the UVLO threshold, typically
about 6.9V. Any UVLO condition on the bootstrap capacitor
will disable only the high side output (HO).
20137503
LM5105 Input - Output Waveforms
FIGURE 2.
20137504
LM5105 Switching Time Definitions: t
LPLH,tLPHL,tHPLH,tHPHL
FIGURE 3.
20137530
LM5105 Enable: t
sd
FIGURE 4.
20137531
LM5105 Dead-time: DT
FIGURE 5.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com