Electronic Components Datasheet Search
  English  ▼

X  

MMRF1007HR5 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF1007HR5
Description  RF Power Field Effect Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1007HR5 Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF1007HR5 Datasheet HTML 1Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 2Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 3Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 4Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 5Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 6Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 7Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 8Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MMRF1007HR5 MMRF1007HSR5
3
RF Device Data
Freescale Semiconductor, Inc.
Table 4. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical Performance — 1030 MHz (In Freescale 1030 MHz Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 150 mA, Pout = 1000 W Peak
(100 W Avg.), f = 1030 MHz, Mode--S Pulse Train, 80 Pulses of 32 sec On, 18 sec Off, Repeated Every 40 msec, 6.4% Overall Duty Cycle
Power Gain
Gps
—
19.8
—
dB
Drain Efficiency
D
—
59.0
—
%
Burst Droop
BDrp
—
0.21
—
dB
Typical Performance — 1090 MHz (In Freescale 1090 MHz Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 150 mA, Pout = 1000 W Peak
(100 W Avg.), f = 1090 MHz, 128 sec Pulse Width, 10% Duty Cycle
Power Gain
Gps
—
21.4
—
dB
Drain Efficiency
D
—
56.3
—
%
Input Return Loss
IRL
—
--25.3
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com