Electronic Components Datasheet Search
  English  ▼

X  

MMRF1304LR5 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF1304LR5
Description  RF Power LDMOS Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1304LR5 Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF1304LR5 Datasheet HTML 1Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 2Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 3Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 4Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 5Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 6Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 7Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 8Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MMRF1304LR5
5
RF Device Data
Freescale Semiconductor, Inc.
512 MHz NARROWBAND PRODUCTION TEST FIXTURE
Figure 5. MMRF1304LR5 Narrowband Test Circuit Component Layout — 512 MHz
MRFE6VS25L
Rev. 3
C1
B1
C2
C3
L1
C4
C8
C7
C5
C6
L2
L3
C10
C9
C12
C13
C11
B2
C14
C15
Table 5. MMRF1304LR5 Narrowband Test Circuit Component Designations and Values — 512 MHz
Part
Description
Part Number
Manufacturer
B1, B2
Long Ferrite Beads
2743021447
Fair-Rite
C1
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C2, C9
0.1 F Chip Capacitors
CDR33BX104AKWS
AVX
C3, C10
0.01 F Chip Capacitors
C0805C103K5RAC
Kemet
C4, C12, C15
180 pF Chip Capacitors
ATC100B181JT500XT
ATC
C5
18 pF Chip Capacitor
ATC100B180JT500XT
ATC
C6
2.7 pF Chip Capacitor
ATC100B2R7BT500XT
ATC
C7
15 pF Chip Capacitor
ATC100B150JT500XT
ATC
C8
36 pF Chip Capacitor
ATC100B360JT500XT
ATC
C11
4.3 pF Chip Capacitor
ATC100B4R3CT500XT
ATC
C13
13 pF Chip Capacitor
ATC100B130JT500XT
ATC
C14
470 F, 63 V Electrolytic Capacitor
MCGPR63V477M13X26-RH
Multicomp
L1
33 nH Inductor
1812SMS-33NJLC
Coilcraft
L2
12.5 nH Inductor
A04TJLC
Coilcraft
L3
82 nH Inductor
1812SMS-82NJLC
Coilcraft
PCB
0.030, r =2.55
AD255A
Arlon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com